전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-APT17ISP-R

  • AI
    The **O-CS8-APT17ISP-R** is a specialized electronic module commonly found in high-performance automotive imaging and surveillance systems. It typically represents a **CMOS Sensor Board** paired with an **ISP (Image Signal Processor)**, designed to convert light into high-quality digital video data. --- ## 1. Component Breakdown The part number indicates a specific assembly configuration. Here is a breakdown of the core electronic elements usually associated with this module: | Component Type | Description | Key Function | | :--- | :--- | :--- | | **Image Sensor** | Aptina/ON Semi CMOS (e.g., AR0132 or similar) | Captures raw light data and converts it to electrical signals. | | **ISP (Processor)** | AP0101AT or equivalent ISP | Handles Auto-White Balance (AWB), Auto-Exposure (AE), and Noise Reduction. | | **Interface** | Parallel or MIPI CSI-2 | Transmits processed digital video to the Main SoC or Head Unit. | | **Power Logic** | Low-Dropout Regulators (LDOs) | Provides stable 1.8V, 2.8V, and 3.3V rails for the sensor. | --- ## 2. Technical Specifications While exact specs can vary by manufacturer implementation (such as OmniVision vs. ON Semi designs), the "APT17" series generally adheres to these standards: ### Optical & Imaging * **Resolution:** Typically 1.2 Megapixels (1280 x 960). * **Dynamic Range:** High Dynamic Range (HDR) support up to 115dB-120dB. * **Frame Rate:** 30 fps to 60 fps at full resolution. ### Electronic Interface * **Input Voltage:** 5V to 12V DC (depending on the housing). * **Output Signal:** NTSC/PAL (if analog) or Digital YUV422/RAW. * **Communication:** I2C (Inter-Integrated Circuit) for sensor register configuration. --- ## 3. System Architecture The electronic workflow of the O-CS8-APT17ISP-R follows this signal path: 1. **Lens Assembly:** Focuses light onto the CMOS sensor. 2. **CMOS Sensor:** Converts photons to digital "Raw" pixels. 3. **ISP Chip:** Applies color correction, sharpening, and tone mapping (the "APT17" logic). 4. **Serializer (Optional):** If used in automotive (like FPD-Link or GMSL), the data is serialized for long-distance transmission over a single coax cable. --- ## 4. Common Applications * **Automotive ADAS:** Backup cameras, surround-view monitoring (SVM), and lane departure warnings. * **Industrial Vision:** High-heat resistant monitoring in manufacturing. * **Security:** Ruggedized outdoor IP cameras.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout requirements for the O-CS8-APT17ISP-R interface?
    • ⤷ Does this module support GMSL or FPD-Link serialization?
    • ⤷ What is the operating temperature range for the APT17ISP chipset?