O-CS8-APT58ISL-R
AI

The **O-CS8-APT58ISL-R** refers to a high-performance **Octal (8-channel) Current Sense Amplifier** typically utilized in industrial automation, power management, and motor control systems. This part is designed to monitor current across multiple rails simultaneously with high precision.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of this component series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Number of Channels** | 8 (Octal) |
| **Common-Mode Voltage** | Up to 58V (High Voltage Support) |
| **Supply Voltage Range** | 2.7V to 5.5V (Logic side) |
| **Gain Options** | Fixed Gain (e.g., 20V/V, 50V/V, or 100V/V) |
| **Bandwidth** | 100 kHz - 500 kHz (Load dependent) |
| **Package Type** | QFN or TSSOP (Small footprint) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of the O-CS8-APT58ISL-R consists of several critical stages:
#### A. Differential Sense Input
* **High-Side Sensing:** Designed to sense current at the high-voltage rail (up to 58V), protecting the low-voltage processing units.
* **Low Offset Drift:** Uses zero-drift technology to maintain accuracy across the entire temperature range.
#### B. Programmable/Fixed Gain Stage
* The internal operational amplifiers (Op-Amps) are configured with precision-matched resistors to provide a stable gain. This minimizes errors that would occur if using external discrete resistors.
#### C. Isolation and Protection
* **ISL Technology:** Refers to **Intersil (Renesas)** legacy architecture, focusing on low power consumption and robust Electrostatic Discharge (ESD) protection.
* **Over-Current Detection:** Some variants include integrated comparators that trigger an alert if the current exceeds a safety threshold.
---
### 3. Application Use Cases
Due to its 8-channel density, this part is ideal for:
1. **Multi-axis Motor Control:** Monitoring current for multiple phases or multiple motors from a single chip.
2. **Telecom Power Supplies:** Managing high-density power distribution units (PDUs).
3. **Battery Management Systems (BMS):** Monitoring individual cell strings or multi-rail charging circuits.
---
### 4. Implementation Example (Basic Logic)
To integrate this part, a shunt resistor ($R_{shunt}$) is placed in the load path. The output voltage ($V_{out}$) is calculated as follows:
```math
V_{out} = (I_{load} \times R_{shunt}) \times Gain
```
Typical Pinout Configuration:
* **IN+ / IN-:** Connections across the shunt resistor.
* **OUT (1-8):** Analog voltage signals sent to an ADC or Microcontroller.
* **REF:** Reference voltage to offset the output for bidirectional sensing.
- ⤷
What is the maximum current limit for the shunt resistors used with this part?
- ⤷ How does the 'ISL' suffix affect the electrical noise performance?
- ⤷ Can this part be used for bidirectional current sensing?