전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OA2AA2716-R100

  • AI
    ## Analysis of Electronic Component: OA2AA2716-R100 The part number **OA2AA2716-R100** typically refers to a specialized **Current Sense Resistor** (often categorized under Shunt Resistors). These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across a known resistance. --- ### 1. Key Technical Specifications Based on standard naming conventions for this series (likely manufactured by brands like **Ohmite** or similar high-precision shunt providers), here are the typical specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Current Sense Shunt Resistor | | **Resistance Value** | 100 µΩ (0.0001 Ω) | | **Power Rating** | 3W to 5W (depending on mounting) | | **Tolerance** | ±1% or ±5% | | **Temperature Coefficient** | Low TCR (e.g., ±50ppm/°C or better) | | **Mounting Style** | Surface Mount (SMD) / Metal Plate | --- ### 2. Functional Breakdown #### **Current Sensing (Shunt)** The "R100" in the suffix usually denotes the resistance value. In the context of high-current shunts, this often represents **100 micro-ohms**. Because the resistance is extremely low, it allows high current to pass through with minimal power loss ($P = I^2R$) while providing a measurable voltage signal ($V = IR$) for a controller or BMS (Battery Management System). #### **Material Composition** * **Resistive Element:** Typically made of Manganese-Copper (Manganin) or Ni-Cr alloys to ensure stability over temperature fluctuations. * **Construction:** Metal plate or electron-beam welded technology to handle high thermal stress. --- ### 3. Applications These parts are commonly found in the following electronic modules: 1. **Battery Management Systems (BMS):** Measuring charge/discharge cycles in Electric Vehicles (EVs) or power tools. 2. **DC-DC Converters:** Providing feedback loops for current regulation. 3. **Inverters:** Monitoring output current in solar or industrial motor drives. 4. **Smart Meters:** Calculating power consumption. --- ### 4. Code Implementation (Calculation Example) To read the current from this resistor using an ADC (Analog-to-Digital Converter), you would use a simple calculation in your firmware: ```python def calculate_current(v_drop_volts, resistance_ohms=0.0001): """ Calculates current based on Ohm's Law (I = V / R) For OA2AA2716-R100 (100 micro-ohms) """ current_amps = v_drop_volts / resistance_ohms return current_amps # Example: If the ADC measures 10mV (0.01V) across the shunt # Current = 0.01 / 0.0001 = 100 Amps ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the 100 micro-ohm variant?
    • ⤷ How does the temperature coefficient (TCR) affect the accuracy of this resistor?
    • ⤷ What are the recommended footprint dimensions for soldering this component?