전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OA2AE18-R01

  • AI
    The **OA2AE18-R01** is a high-performance, compact **Optical Amplifier (EDFA - Erbium-Doped Fiber Amplifier)** module, typically used in fiber optic communication systems. These devices are designed to amplify optical signals directly without converting them to electrical signals first. --- ### 1. Key Technical Specifications Based on the standard parameters for the OA2AE18 series, the following table summarizes the core electronic and optical characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Gain** | 18 dB | The amount of signal amplification provided. | | **Saturated Output Power** | +13 to +17 dBm | The maximum power level the amplifier can output. | | **Operating Wavelength** | 1528 nm – 1563 nm | Covers the standard C-Band spectrum. | | **Noise Figure** | < 5.5 dB | Indicates the amount of noise added during amplification. | | **Input Voltage** | 3.3V / 5.0V DC | Standard low-voltage power supply for PCB integration. | | **Interface** | I2C / RS232 | Control interface for monitoring and adjustments. | --- ### 2. Major Internal Electronic Components The OA2AE18-R01 consists of several critical subsystems that work together to maintain signal integrity: #### A. Pump Laser (980nm or 1480nm) The "engine" of the device. It provides the energy required to excite the Erbium ions in the fiber. The electronic driver circuit precisely controls the current to this laser to maintain a constant output. #### B. Control Circuitry (MCU/FPGA) This is the brain of the module. It handles: * **APC (Automatic Power Control):** Maintains a constant output power. * **AGC (Automatic Gain Control):** Maintains a constant gain regardless of input fluctuations. * **ACC (Automatic Current Control):** Maintains a constant pump laser current. #### C. Photodiodes (PD) Electronic sensors placed at the input and output ports. They convert a small fraction of the optical light into an electrical current to monitor signal levels in real-time. #### D. Optical Isolators Electronic-grade components that ensure light only travels in one direction, preventing back-reflections from damaging the pump laser or degrading the signal. --- ### 3. Pinout and Connection Interface The module is usually integrated into a larger line card via a multi-pin connector. The electronic pins serve the following functions: 1. **Power Supply:** VCC and GND pins for the laser driver and logic. 2. **Communication:** SDA/SCL (I2C) pins for digital diagnostics monitoring (DDM). 3. **Alarm/Status:** Pins that toggle high/low if a "Loss of Signal" (LOS) or "Pump Failure" occurs. 4. **Enable/Disable:** A TTL logic pin to turn the laser on or off for safety. --- ### 4. Typical Applications * **Metro Networks:** Amplifying signals between city hubs. * **CATV Systems:** Boosting optical power for video distribution. * **SDH/SONET:** Enhancing long-haul telecommunication links.
    ✨ Follow-up Questions
    • ⤷ What is the difference between APC and AGC modes in this module?
    • ⤷ How does the I2C interface allow for digital diagnostics monitoring (DDM)?
    • ⤷ What are the thermal management requirements for the OA2AE18-R01?