OA2AS20-R01
AI

The **OA2AS20-R01** is a high-performance, single-axis analog MEMS (Micro-Electro-Mechanical Systems) inclinometer/accelerometer module. It is commonly used in industrial automation, construction machinery, and structural health monitoring.
---
## 1. Technical Specifications
Below is a breakdown of the primary electronic parameters:
| Feature | Specification |
| :--- | :--- |
| **Model** | OA2AS20-R01 |
| **Axis** | Single Axis (typically X or Y) |
| **Measurement Range** | ±20° (Full scale) |
| **Output Signal** | 4-20mA (Current Loop) |
| **Resolution** | 0.01° |
| **Supply Voltage** | 9V to 36V DC |
| **Operating Temperature** | -40°C to +85°C |
| **Protection Rating** | IP67 (Waterproof/Dustproof) |
---
## 2. Key Electronic Components & Design
### A. MEMS Sensor Core
At the heart of the device is a **capacitive MEMS sensor**. It consists of a micro-machined mass suspended by silicon springs. When the device tilts, gravity pulls the mass, changing the capacitance between the mass and fixed electrodes.
### B. Signal Conditioning Circuit (ASIC)
The raw capacitive change is processed by an internal Application Specific Integrated Circuit (ASIC). This chip performs:
* **A/D Conversion:** Converts the analog mechanical movement into a digital signal.
* **Temperature Compensation:** Corrects for drift caused by thermal changes.
* **Linearization:** Ensures the output is proportional to the sine of the angle.
### C. 4-20mA Current Loop Transmitter
The "R01" variant typically signifies a specific wiring or interface style. The **4-20mA output** is highly valued in industrial settings because:
* It is immune to electrical noise over long cable distances.
* It allows for "live zero" detection (if the current drops to 0mA, the system knows there is a wire break).
---
## 3. Wiring and Pinout (Standard)
The device usually features a 4-pin or 5-pin industrial connector (e.g., M12).
| Wire Color/Pin | Function | Description |
| :--- | :--- | :--- |
| **Red / Pin 1** | VCC | Positive Power Supply (9-36V) |
| **Black / Pin 2** | GND | Power Ground |
| **Yellow / Pin 3** | Out | 4-20mA Signal Output |
| **Green / Pin 4** | COM | Signal Common |
---
## 4. Operational Principles
1. **Gravity Sensing:** The sensor measures the component of gravity acting on the sensitive axis ($g \cdot \sin(\theta)$).
2. **Output Mapping:**
* **-20°:** Corresponds to **4mA**.
* **0°:** Corresponds to **12mA**.
* **+20°:** Corresponds to **20mA**.
---
- ⤷
How do I calibrate the zero point of the OA2AS20-R01?
- ⤷ What is the maximum cable length supported for the 4-20mA output?
- ⤷ Can this sensor be used in high-vibration environments?