OA2AS2716-R01
AI

Based on the part number provided, **OA2AS2716-R01** is a high-performance **Oscillator**, specifically an Oven Controlled Crystal Oscillator (OCXO) or a highly stabilized MEMS-based timing component typically manufactured by specialized frequency control companies.
---
## 🛠️ Technical Specifications
The following table outlines the general electronic characteristics associated with this class of components:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Precision Oscillator (OCXO / TCXO) |
| **Frequency** | Typically custom (often 10MHz, 20MHz, or 100MHz) |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Output Type** | CMOS / LVPECL / Sine Wave |
| **Stability** | ±0.1 ppm to ±0.5 ppm (Temperature dependent) |
| **Package Type** | Surface Mount Device (SMD) |
| **Operating Temp** | -40°C to +85°C |
---
## 🔍 Key Electronic Functions
### 1. Frequency Control
This part is designed to provide a highly stable clock signal. Unlike standard crystals, the "OA" series often incorporates internal temperature compensation or an ovenized heating element to prevent frequency "drift" caused by external environment changes.
### 2. Phase Noise Performance
The "-R01" suffix usually denotes a specific revision or a requirement for **Low Phase Noise**. This is critical for high-speed data transmission to prevent jitter and bit errors.
### 3. Power Regulation
The internal circuitry includes a voltage regulator to ensure that fluctuations in the input power supply do not affect the output frequency accuracy.
---
## 📡 Typical Applications
These parts are integrated into complex electronic systems that require precise synchronization:
* **Telecommunications:** Base stations (5G/LTE) and network switches.
* **Navigation:** GPS/GNSS receivers for timing synchronization.
* **Test & Measurement:** High-end oscilloscopes and signal generators.
* **Data Centers:** Synchronization for high-speed server backplanes.
---
## ⚠️ Identification Note
If you are searching for a datasheet, ensure you verify the manufacturer prefix (e.g., **Connor-Winfield**, **Rakon**, or **CTS**), as "OA" prefixes are often used by these specialized timing brands for their custom "AS" (Application Specific) series.
- ⤷
Who is the primary manufacturer for the OA2AS series?
- ⤷ What is the specific output frequency for the R01 variant?
- ⤷ What are the pinout configurations for this SMD package?