OBT50-R2-E2
AI

The **OBT50-R2-E2** is a subminiature photoelectric sensor manufactured by Pepperl+Fuchs. It is a **diffuse mode sensor**, meaning it transmits light and detects the reflection directly off the object being sensed.
Below is the detailed breakdown of its electronic components and specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Detection Range** | 0 ... 50 mm |
| **Operating Voltage** | 10 ... 30 V DC |
| **Output Type** | 1 PNP output, short-circuit protected, reverse polarity protected |
| **Switching Type** | NO (Normally Open) / Light-ON |
| **Switching Frequency** | Approx. 800 Hz |
| **Response Time** | < 0.6 ms |
| **No-load Current** | < 10 mA |
---
### 2. Electronic Components & Functionality
#### A. Light Source (Emitter)
The device uses a **Modulated Visible Red LED** (630 nm).
* **Electronic benefit:** Visible light allows for easy alignment during installation.
* **Modulation:** The light is pulsed at a specific frequency to prevent interference from ambient light sources (like sunlight or overhead lamps).
#### B. Output Stage (E2 - PNP)
The "E2" suffix in the part number indicates the specific electronic output configuration:
* **PNP Logic:** The sensor acts as a source, providing a positive voltage to the load when triggered.
* **Protection:** Includes integrated protection against short circuits and reverse polarity, ensuring the internal transistors aren't destroyed by wiring errors.
#### C. Signal Processing
The internal circuitry consists of a high-speed comparator that evaluates the intensity of the light reflected back to the receiver.
* **Fixed Sensitivity:** Unlike larger sensors with potentiometers, the R2 series often features a fixed detection range to maintain its ultra-compact form factor.
---
### 3. Wiring Diagram
The sensor typically comes with a fixed cable or an M8 connector. The standard 3-wire color coding is as follows:
```markdown
1. Brown (L+) -> +10 to 30 V DC
2. Black (Out) -> PNP Output (Load)
3. Blue (L-) -> 0 V (Ground)
```
---
### 4. Physical & Environmental Construction
* **Housing:** Polycarbonate (PC) / ABS.
* **Optical Face:** PMMA (Acrylic).
* **Status Indicators:** A green LED typically indicates "Power On," and a yellow LED indicates "Switching State" (object detected).
---
- ⤷
What is the difference between the E2 (PNP) and E0 (NPN) versions of this sensor?
- ⤷ How does 'Diffuse Mode' differ from 'Retroreflective Mode' in the R2 series?
- ⤷ What are the mounting requirements for a sensor with a 50mm range?