전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OP1177ARMZ-R2

  • AI
    The **OP1177ARMZ-R2** is a high-precision, low-noise operational amplifier (op-amp) manufactured by Analog Devices. It is part of the popular OPx177 family, known for its ultra-low offset voltage and drift, making it ideal for precision instrumentation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the OP1177: | Parameter | Value | | :--- | :--- | | **Number of Channels** | 1 (Single Op-Amp) | | **Offset Voltage (Max)** | 60 μV | | **Offset Drift (Max)** | 0.7 μV/°C | | **Input Bias Current (Max)** | 2 nA | | **Operating Voltage Range** | ±2.5 V to ±15 V (or 5 V to 30 V) | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Quiescent Current** | 400 μA per amplifier | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying specific variants: * **OP1177**: The base model number (Single channel version). * **A**: Grade identifier (Indicates the highest precision performance grade). * **RMZ**: Package code for **MSOP** (Mini Small Outline Package), where the 'Z' denotes RoHS compliance (lead-free). * **R2**: Tape and Reel packaging specification (specifically a 7-inch reel containing 250 units). --- ### 3. Core Features & Advantages * **High Precision:** The extremely low offset voltage (60 μV) minimizes errors in DC applications without requiring external trimming. * **Low Noise:** Designed for signals that require high integrity, with a noise density of approximately $8 \text{ nV}/\sqrt{\text{Hz}}$ at $1 \text{ kHz}$. * **Stability:** Excellent phase margin and stability even with capacitive loads. * **Wide Supply Range:** Can operate on standard $\pm15\text{V}$ industrial rails or lower voltage battery-powered systems. --- ### 4. Typical Applications The OP1177ARMZ-R2 is commonly found in circuits where accuracy is non-negotiable: 1. **Precision Instrumentation:** Bridge amplifiers for strain gauges and pressure sensors. 2. **RTD/Thermocouple Amplifiers:** Temperature sensing where microvolt-level accuracy is required. 3. **DAC Output Buffers:** Converting digital-to-analog current outputs into precise voltages. 4. **Medical Equipment:** High-impedance physiological signal conditioning. --- ### 5. Pin Configuration (MSOP-8) ```text +-------_-------+ NC 1| |8 NC -IN 2| OP1177 |7 V+ +IN 3| |6 OUT V- 4| |5 NC +---------------+ (NC = No Internal Connection) ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the OP1177
    • ⤷ OP2177
    • ⤷ and OP4177?
    • ⤷ How does the OP1177 compare to the OP07 in precision applications?
    • ⤷ What are the thermal considerations for the MSOP-8 package in this device?