OSC-S22-RTC
AI

The **OSC-S22-RTC** is a precision electronic timing component, specifically a **Surface Mount Device (SMD) Real-Time Clock (RTC) Crystal Oscillator**. These components are critical for keeping accurate time in electronic devices even when the main power is turned off.
### 1. Technical Specifications
The OSC-S22-RTC generally adheres to the following technical profile:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Nominal Frequency** | 32.768 | kHz |
| **Package Size** | 2.5 x 2.0 (S22) | mm |
| **Supply Voltage (Vdd)** | 1.8V to 3.3V | Volts |
| **Operating Temp Range** | -40 to +85 | °C |
| **Frequency Tolerance** | ±20 (Standard) | ppm |
| **Output Type** | CMOS | - |
---
### 2. Core Electronic Components
The device is an integrated module consisting of two primary internal parts:
* **Tuning Fork Crystal:** A high-precision quartz crystal cut to vibrate at exactly 32,768 cycles per second. This specific frequency is used because $2^{15} = 32,768$, allowing digital circuits to derive exactly 1 second by using a 15-stage binary counter.
* **Oscillator IC:** An internal integrated circuit that provides the necessary gain to maintain oscillation and converts the analog vibration of the crystal into a square-wave **CMOS logic output**.
---
### 3. Pin Configuration (4-Pad SMD)
The "S22" package refers to a standard 4-pad layout. While manufacturers vary slightly, the standard pinout is as follows:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active) or No Connection |
| **2** | GND | Ground / Negative Supply |
| **3** | Output | 32.768 kHz Square Wave Signal |
| **4** | Vdd | Positive Power Supply Voltage |
---
### 4. Key Applications
Because of its small footprint (2.5mm x 2.0mm) and low power consumption, the OSC-S22-RTC is commonly found in:
* **IoT Devices:** Providing time-stamps for sensor data.
* **Wearables:** Smartwatches and fitness trackers.
* **Industrial Meters:** Smart electricity and water meters.
* **Automotive:** Dashboard clocks and infotainment systems.
---
### 5. Circuit Design Considerations
```c
// Design Tip: Proper Layout
1. Place the oscillator as close to the MCU/RTC chip as possible.
2. Ensure a 0.01uF to 0.1uF bypass capacitor is placed between Vdd and GND.
3. Avoid routing high-speed signal lines under the oscillator to prevent EMI.
```
- ⤷
What is the significance of the 32.768 kHz frequency in RTC circuits?
- ⤷ How does 'Output Enable' (Pin 1) impact power consumption?
- ⤷ What are the advantages of an active oscillator over a passive 2-pin crystal?