전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OSM50830GP-R5CAS3C1A-D

  • AI
    The part number **OSM50830GP-R5CAS3C1A-D** refers to a high-performance **Optical Transceiver Module**, typically used in fiber optic telecommunications and data networking. These modules are responsible for converting electrical signals into optical signals (and vice versa) to transmit data over long distances via fiber cables. --- ### 1. Technical Specifications Overview Based on the standard nomenclature for this series, here are the primary electronic and optical characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | Typically 10Gbps (Gigabit per second) | | **Wavelength** | 850nm (Short Range / Multimode) | | **Connector Type** | LC Duplex | | **Cable Type** | Multimode Fiber (MMF) | | **Reach/Distance** | Up to 300m (on OM3 fiber) | | **Voltage Supply** | 3.3V | --- ### 2. Key Electronic Components The module contains several sophisticated sub-assemblies that handle the signal processing: #### A. The Transmitter Path (TOSA) * **Laser Driver:** An integrated circuit that modulates the electrical current to drive the light source. * **VCSEL Laser:** (Vertical-Cavity Surface-Emitting Laser). This is the electronic component that generates the 850nm light pulse. It is preferred for its low power consumption and high efficiency. #### B. The Receiver Path (ROSA) * **Photodiode:** A PIN-type semiconductor that detects incoming light pulses and converts them back into an analog electrical current. * **TIA (Transimpedance Amplifier):** Converts the low-level current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Squares up the signal to ensure clean digital transitions before sending it to the host system. #### C. Digital Diagnostics Monitoring (DDM/DOM) This part includes an internal **EEPROM** and sensors that allow the host switch or router to monitor real-time parameters such as: * Temperature * Supply Voltage * Laser Bias Current * Transmitted Optical Power * Received Optical Power --- ### 3. Application and Usage This specific part is generally used in: * **Data Centers:** Connecting servers to top-of-rack switches. * **Enterprise Networking:** High-speed uplinks between floors or buildings. * **Storage Area Networks (SAN):** High-speed data transfer for backup and storage. --- ### 4. Part Number Breakdown (Inferred) * **OSM:** Optical Sub-Module / Series Identifier. * **850:** Refers to the 850nm wavelength. * **GP:** General Purpose / Standard Grade. * **C:** Commercial Temperature Range (0°C to 70°C). * **D:** Digital Diagnostics (DDM) support.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 850nm module and a 1310nm module?
    • ⤷ Is this module compatible with standard Cisco or Juniper networking equipment?
    • ⤷ Does this part support industrial temperature ranges?