전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OSTW-R/S-F

  • AI
    The **OSTW-R/S-F** is a specialized electronic connector produced by **Omega Engineering**. It belongs to the OSTW series of standard-sized thermocouple connectors. This specific model is designed for high-performance temperature measurement applications. --- ### 1. Part Number Breakdown To understand the electronic capabilities, it is helpful to decode the nomenclature: | Component | Code Meaning | | :--- | :--- | | **OSTW** | Standard size, round-pin connector with a "window" (integrated wire wrap). | | **R/S** | Calibration type for **Platinum/Rhodium** thermocouples (Type R or Type S). | | **F** | Gender: **Female** (Socket). | ### 2. Key Technical Specifications These connectors are engineered to maintain electrical integrity in harsh environments: * **Thermocouple Type:** Specifically calibrated for Type R (Platinum/13% Rhodium) or Type S (Platinum/10% Rhodium). * **Material Construction:** The internal pins/contacts are made of compensating alloys to prevent the "cold junction" effect (parasitic EMF) at the connector interface. * **Temperature Rating:** Typically rated for a continuous operating range of **-29°C to 220°C** (-20°F to 425°F). * **Insulation Material:** High-quality glass-filled nylon, which provides high dielectric strength and heat resistance. ### 3. Electronic Design Features #### A. Compensation Alloys Unlike standard electrical connectors (which use brass or gold-plated copper), the OSTW-R/S-F uses specific alloys that match the thermoelectric properties of Type R/S thermocouples. This ensures that the voltage signal (millivolts) generated by the sensor is transmitted to the readout device without signal degradation. #### B. Integrated Wire Divider The "W" in the series name refers to the **Window** design. It features an internal wire divider that: * Prevents short-circuiting between the positive and negative leads. * Simplifies the termination process for the technician. #### C. Connector Geometry * **Polarized Pins:** The pins are designed with different diameters (or positions) to ensure that the positive and negative leads cannot be connected backward. * **Universal Compatibility:** Designed to mate with any standard size (round pin) male connector. --- ### 4. Application Areas The OSTW-R/S-F is primarily used in high-temperature industrial processes where Type R/S sensors are required, such as: 1. **Glass Manufacturing:** Monitoring furnace temperatures. 2. **Semiconductor Processing:** High-heat wafer fabrication. 3. **Laboratory Research:** Precise thermal analysis.
    ✨ Follow-up Questions
    • ⤷ What are the specific alloy compositions used in Type R/S connectors?
    • ⤷ How does the 'W' window feature improve the wiring process compared to older models?
    • ⤷ What is the maximum voltage rating for these thermocouple connectors?