전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OT2-0-R/Q

  • AI
    The **OT2-0-R/Q** refers to a high-performance, manual changeover switch (often under the ABB OT series) designed for power distribution and motor control. These components are critical for switching power between two sources (e.g., Grid and Generator) safely. --- ### 1. Key Technical Specifications Below are the primary electronic and mechanical parameters for this class of component: | Parameter | Specification | | :--- | :--- | | **Rated Operational Voltage (Ue)** | Up to 690V AC / 440V DC | | **Rated Impulse Withstand Voltage (Uimp)** | 8 kV to 12 kV | | **Number of Poles** | 3-Pole or 4-Pole configurations | | **Operating Mode** | Manual (Front or Side operated) | | **Mounting Type** | DIN Rail or Base Plate | | **Terminal Type** | Tunnel terminals or Lug connections | --- ### 2. Functional Electronic Components While the OT2 series is primarily mechanical, its "electronic" integrity relies on the following internal features: * **Contact System:** Uses a "Quick-Make / Quick-Break" mechanism. This ensures that the speed of the contact movement is independent of the operator's force, reducing arcing and increasing the lifespan of the contacts. * **Arc Chutes:** Internal chambers designed to extinguish the electric arc generated during high-current switching, preventing phase-to-phase shorts. * **Isolation Properties:** Provides "Positive Contact Indication," meaning the handle position accurately reflects the physical state of the internal contacts, meeting safety standards for isolation (IEC 60947-3). --- ### 3. Application Use Cases The OT2-0-R/Q is typically integrated into larger electrical systems: 1. **Transfer Switches:** Switching between a primary utility feed and a backup diesel generator. 2. **Motor Disconnects:** Serving as a local safety switch to isolate motors for maintenance. 3. **Solar Inverters:** Used as a DC or AC disconnect in photovoltaic installations. --- ### 4. Comparison: R-Version vs. Q-Version | Feature | R-Type (Standard) | Q-Type (Quick/Compact) | | :--- | :--- | :--- | | **Footprint** | Standard industrial size | Optimized for space-saving in panels | | **Handle Type** | External pistol or direct | Usually direct-mount options | | **Common Use** | Main distribution boards | OEM machinery and control boxes |
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating for the OT2 series?
    • ⤷ Does this switch support motorized remote operation?
    • ⤷ What are the specific safety certifications (e.g.
    • ⤷ UL
    • ⤷ IEC) for the R/Q models?