전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OT2-4W-R/Q

  • AI
    The **OT2-4W-R/Q** is a specific series of miniature high-voltage isolation transformers, primarily designed for use in power conversion modules, medical equipment, and industrial signal isolation. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The OT2 series is characterized by its high isolation voltage and compact footprint. | Parameter | Typical Value | | :--- | :--- | | **Isolation Voltage** | 4,000V AC (or 6,000V DC peak) | | **Turns Ratio** | 1:1, 1:2, or custom (depending on R/Q suffix) | | **Power Rating** | 1W to 4W (nominal) | | **Mounting Type** | Through-hole (R) or SMD (Q) | | **Operating Temp** | -40°C to +105°C | --- ### 2. Physical Construction The part is built using specialized materials to ensure safety and signal integrity: * **Core Material:** High-permeability Ferrite core. This allows for high efficiency and minimal size while operating at switching frequencies typically between **50kHz and 300kHz**. * **Winding:** Usually uses "Triple Insulated Wire" (TIW) for the secondary side to meet stringent safety standards (like IEC 60601 for medical devices) without needing bulky internal margins. * **Encapsulation:** The internal components are potted with an epoxy resin that provides mechanical stability and protection against moisture. --- ### 3. Suffix Identification (R/Q) The suffix in the part number usually refers to the physical package or the internal configuration: * **R:** Often denotes a **Radial/Through-hole** package with specific lead spacing. * **Q:** Often denotes a **Surface Mount (SMD)** variant or a specific high-clearance footprint used for higher creepage distances. --- ### 4. Typical Applications These parts are crucial in circuits where the low-voltage control side must be physically and electrically separated from the high-voltage load side: 1. **Gate Driver Circuits:** Providing isolated power to IGBT or MOSFET drivers. 2. **Medical Electronics:** Ensuring patient safety by preventing leakage current from the AC mains. 3. **BMS (Battery Management Systems):** Monitoring individual battery cells in high-voltage strings. 4. **Isolated RS-485/CAN:** Providing the isolated power rail for transceiver chips. --- ### 5. Circuit Symbol & Connection In a schematic, this part is represented as a standard transformer with dots indicating phase polarity: ```text Primary (Input) Secondary (Isolated Output) (1) o----┐ ┌----o (4) )| | )| )| | )| (2) o----┘ └----o (3) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific creepage and clearance distances for the OT2-4W series?
    • ⤷ How does the efficiency of the OT2-4W-R compare to standard optoisolators?
    • ⤷ Which specific driver ICs are most compatible with this transformer?