전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OTR2-3-R

  • AI
    The **OTR2-3-R** is a specific electronic component primarily categorized as an **Optical Receiver** (Photo-Link). It is designed to convert optical signals into electrical signals, commonly used in digital audio interfaces like TOSLINK. --- ### 1. Key Technical Specifications The OTR2-3-R belongs to the family of fiber optic receivers. Below are its general technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (Digital Audio) | | **Supply Voltage (Vcc)** | +2.7V to +5.5V | | **Operating Data Rate** | Up to 16 Mbps (High Speed) | | **Current Consumption** | 4mA - 10mA (Active) | | **Output Type** | TTL / CMOS Compatible | | **Wave Length** | ~650 nm (Red Light spectrum) | --- ### 2. Functional Description The OTR2-3-R acts as a transducer. Its internal architecture consists of: 1. **Photodetector:** A high-speed PIN photodiode that senses incoming red light pulses. 2. **I/V Converter:** Converts the detected current into a voltage signal. 3. **Waveform Shaper:** A Schmitt trigger circuit that cleans up the signal to produce a sharp digital square wave. 4. **Output Stage:** Provides a CMOS/TTL signal that can be processed by a microcontroller or a DSP (Digital Signal Processor). --- ### 3. Pin Configuration and Connection Most OTR2-3-R modules use a standard 3-pin layout for easy integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vout** | Digital Data Output | | 2 | **GND** | Ground | | 3 | **Vcc** | Power Supply (usually 3.3V or 5V) | --- ### 4. Common Applications * **Digital Audio Equipment:** Found in DVD players, AV receivers, and sound cards for S/PDIF (Sony/Philips Digital Interface) connections. * **Industrial Automation:** Used for noise-immune data transmission over short distances. * **Consumer Electronics:** TV sets and gaming consoles for high-quality audio output. --- ### 5. Implementation Example To use the OTR2-3-R in a circuit, a decoupling capacitor is strictly recommended to filter power supply noise. ```c // Example Pseudo-code for reading OTR2-3-R signal on a Microcontroller #define OPTICAL_PIN 2 // Connect Pin 1 of OTR2-3-R to MCU Pin 2 void setup() { pinMode(OPTICAL_PIN, INPUT); Serial.begin(115200); } void loop() { int signal = digitalRead(OPTICAL_PIN); // Process the digital pulse stream... } ```
    ✨ Follow-up Questions
    • What are the differences between the OTR2-3-R and its transmitter counterpart (OTT series)?
    • What is the maximum cable length supported by this optical receiver?
    • How do I calculate the bypass capacitor value for stable operation?