전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • OTR2-D-R

  • AI
    The **OTR2-D-R** is an industrial-grade **Fiber Optic Receiver** module, typically used in professional video broadcasting, security surveillance, and telecommunications. It is designed to convert optical signals back into high-definition digital electrical signals (specifically 3G-SDI, HD-SDI, or SD-SDI). --- ### ## Technical Specifications Overview The electronic architecture of the OTR2-D-R is built around high-speed photodetectors and signal processing integrated circuits (ICs). | Feature | Specification | | :--- | :--- | | **Signal Type** | SDI (Serial Digital Interface) | | **Data Rates** | 270 Mbit/s to 2.97 Gbit/s | | **Optical Connector** | LC/PC (Single Mode) | | **Output Type** | 75 Ohm BNC (Electrical) | | **Power Supply** | +5V DC | | **Reclocking** | Automatic (Multi-rate) | --- ### ### Key Electronic Components 1. **Optical-to-Electrical Converter (Photodiode):** * The "front end" uses a high-sensitivity PIN photodiode or APD (Avalanche Photodiode). * It captures light pulses at wavelengths typically ranging from **1270nm to 1610nm** and converts them into a weak electrical current. 2. **Transimpedance Amplifier (TIA):** * Because the current from the photodiode is very small, a TIA is used to convert the current into a usable voltage while minimizing electronic noise. 3. **Adaptive Cable Equalizer & Reclocker:** * **Reclocking:** This is a critical electronic feature. It cleans up "jitter" (timing errors) that may have occurred during transmission. * It ensures the output BNC signal meets strict SMPTE standards (like SMPTE 424M for 3G-SDI). 4. **LED Status Indicators:** * Internal circuitry monitors the **Optical Power Input**. * **Green LED:** Signal present and locked. * **Red LED:** Loss of Signal (LOS) or power failure. --- ### ### Operational Architecture The OTR2-D-R is part of a "Point-to-Point" system. Its electronic workflow follows this sequence: 1. **Optical Input:** Received via fiber cable. 2. **Signal Recovery:** The internal IC identifies the bit rate (SD, HD, or 3G). 3. **Signal Conditioning:** The waveform is reshaped to remove distortion. 4. **BNC Output:** The clean, re-clocked signal is sent to a monitor, switcher, or recorder. --- ### ### Power and Environment * **Power Input:** Usually provided via a threaded DC jack to prevent accidental disconnection. * **Thermal Management:** The housing is typically aluminum, acting as a passive heat sink for the high-speed processing chips inside, ensuring stability during 24/7 operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported by the OTR2-D-R over single-mode fiber?
    • ⤷ Does this module support bidirectional communication or is it receive-only?
    • ⤷ How does the 'Reclocking' feature improve video quality compared to non-reclocked receivers?