전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P-CMN-R

  • AI
    The **P-CMN-R** represents a specific series of **Common Mode Choke Coils** (typically surface mount) used in electronic circuits for noise suppression. These components are essential in high-speed data lines to filter out electromagnetic interference (EMI) without degrading the signal quality. --- ### 1. Technical Specifications The P-CMN-R series is characterized by its compact footprint and high-frequency performance. Below are the typical technical parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Impedance** | 67Ω to 2200Ω (at 100MHz) | | **Rated Voltage** | 20V to 50V DC | | **Rated Current** | 100mA to 500mA | | **DC Resistance (Rdc)** | 0.2Ω to 2.5Ω | | **Operating Temp** | -40°C to +85°C | ### 2. Internal Structure and Working Principle The P-CMN-R consists of two coils wound around a single ferrite core. * **Common Mode Noise:** When noise flows in the same direction on both lines, the magnetic fluxes add up, creating high impedance that blocks the noise. * **Differential Signal:** When the actual data signal flows in opposite directions, the magnetic fluxes cancel each other out, allowing the signal to pass with minimal attenuation. ### 3. Key Applications These parts are primarily found in interfaces that require high-speed data transmission: * **USB 2.0/3.0 Lines:** Suppressing noise in high-speed serial ports. * **HDMI / DisplayPort:** Maintaining signal integrity in video output. * **MIPI / LVDS:** Used in mobile phone camera and display modules. * **CAN-Bus:** Employed in automotive electronics for stable communication. ### 4. Circuit Representation In a schematic, a common mode choke like the P-CMN-R is represented as two coupled inductors: ```text Line In (+) ----( Coil 1 )---- Line Out (+) ) ( <-- Magnetic Coupling Line In (-) ----( Coil 2 )---- Line Out (-) ``` --- ### Summary of Benefits 1. **Miniaturization:** Small SMD (Surface Mount Device) packages save PCB real estate. 2. **Wide Bandwidth:** Effective noise suppression across a wide range of frequencies. 3. **Low Distortion:** Designed to have minimal impact on the rise/fall times of digital signals.
    ✨ Follow-up Questions
    • ⤷What is the difference between a common mode choke and a standard inductor?
    • ⤷ How do I select the correct impedance for a P-CMN-R component?
    • ⤷ Can P-CMN-R parts be used in AC power supply filtering?