전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P1580G-SH2-R

  • AI
    ## Technical Overview of P1580G-SH2-R The **P1580G-SH2-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator**. These components are essential in power management for providing a stable, regulated voltage from a higher or fluctuating input source. --- ### 1. Key Technical Specifications Based on the standard parameters for this series (often manufactured by companies like UTC - Unisonic Technologies), here are the primary specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | LDO Linear Regulator | | **Output Current** | Typically up to 3A or 5A (depending on specific binning) | | **Output Voltage** | Adjustable or Fixed (often used as Adjustable) | | **Dropout Voltage** | Low (typically < 1.2V at full load) | | **Package Type** | HSOP-8 or TO-263-5 (SH2 often denotes HSOP-8) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Pin Configuration (HSOP-8 Example) For the P1580 series in an 8-pin package, the pinout generally follows this structure: 1. **VIN:** Input voltage supply. 2. **VOUT:** Regulated output voltage. 3. **GND:** Ground reference. 4. **ADJ/FB:** Feedback pin to set the output voltage via a resistor divider. 5. **EN:** Enable pin (high to turn on, low to enter standby). 6. **NC:** No internal connection (used for heat dissipation). --- ### 3. Functional Features * **Internal Protection:** Includes thermal shutdown and current limiting to prevent the device from failing under extreme heat or short-circuit conditions. * **Low Quiescent Current:** Designed to draw minimal power when the device is in an "idle" or light-load state, improving efficiency in battery-powered devices. * **High Stability:** Specifically designed to be stable even with low-ESR (Equivalent Series Resistance) ceramic capacitors. --- ### 4. Typical Application Circuit To use the P1580G in an adjustable configuration, a simple voltage divider is required: ```text Input (Vin) ----[ P1580G ]---- Output (Vout) | [ADJ Pin] | (R1) + (R2) Resistor Divider | Ground ``` **Calculation Formula:** `Vout = Vref * (1 + R2 / R1)` *(Where Vref is usually around 0.8V or 1.2V depending on the specific internal reference).* --- ### 5. Identification Code Breakdown * **P1580:** Part Series Number. * **G:** Halogen-free and Lead-free (Green). * **SH2:** Package code (usually referring to HSOP-8). * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the P1580G-SH2-R?
    • ⤷ How do I calculate the heat sink requirements for this LDO at 3A load?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like TI or ON Semi?