전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P3586G-S08-R

  • AI
    The **P3586G-S08-R** is a high-performance, synchronous step-down (buck) DC-DC converter controller manufactured by UTC (Unisonic Technologies). It is designed to drive N-channel MOSFETs to provide efficient power conversion for modern motherboards and industrial applications. --- ### ## Technical Specifications The following table outlines the key electrical characteristics of the P3586 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage (VCC)** | 5V to 12V | | **Output Voltage Range** | Adjustable (from 0.8V) | | **Output Current** | Dependent on external MOSFETs | | **Switching Frequency** | Fixed ~300kHz | | **Package Type** | SOP-8 | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Features The P3586G-S08-R includes several integrated functions to ensure stability and safety: 1. **Synchronous Rectification:** Uses external N-channel MOSFETs for both the high-side and low-side switches, significantly reducing power loss compared to diode-based buck converters. 2. **Internal Soft-Start:** Prevents current spikes during power-up by gradually increasing the output voltage. 3. **Protection Mechanisms:** * **OCP (Over Current Protection):** Monitors the voltage drop across the low-side MOSFET. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the supply voltage is stable. 4. **Feedback Precision:** Maintains high accuracy (typically within 2%) for the reference voltage. --- ### ## Pin Configuration (SOP-8) The device is housed in an 8-pin Small Outline Package. Below is the typical pinout functional mapping: * **BOOT:** Bootstrap pin for the high-side gate driver. * **UGATE:** Upper gate drive output. * **GND:** Ground. * **LGATE:** Lower gate drive output. * **VCC:** Supply voltage input. * **FB:** Feedback input for voltage regulation. * **COMP/EN:** Compensation and Enable pin. * **PHASE:** Connection point for the inductor and high-side MOSFET source. --- ### ## Typical Application Circuit The P3586 is commonly used to step down 12V or 5V rails to lower voltages (1.2V, 1.5V, 1.8V) for CPU cores, chipsets, or DDR memory. ```markdown [Input 12V] --- [VCC Pin] | [High-Side MOSFET] --- [Inductor] --- [Output Vout] | | [Low-Side MOSFET] [Capacitor] | | [GND] [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended N-channel MOSFETs to use with the P3586G?
    • ⤷ How is the output voltage calculated using the feedback pin?
    • ⤷ What is the difference between the P3586G and the P3586L versions?