전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P4C1023L-55CWC

  • AI
    ## Electronic Analysis of P4C1023L-55CWC The **P4C1023L-55CWC** is a high-performance CMOS Static RAM (SRAM) manufactured by Pyramid Semiconductor (formerly Performance Semiconductor). It is designed for high-speed, low-power applications. --- ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | P4C1023L-55CWC | | **Memory Type** | SRAM (Static Random Access Memory) | | **Density** | 1 Megabit (1M) | | **Organization** | 128K x 8 bits | | **Access Time** | 55 ns (Nanoseconds) | | **Process Technology** | CMOS | | **Package Type** | Ceramic Windowed Cerdip (CWC) | | **Temperature Range** | Commercial (0°C to +70°C) | --- ### 2. Functional Characteristics #### Memory Organization The chip is organized as **131,072 words by 8 bits**. Being an SRAM, it does not require a refresh cycle (unlike DRAM), which simplifies the interface logic and reduces power consumption during operation. #### Power consumption (Low Power "L" Version) The "L" in the part number signifies the **Low Power** variant. * **Active Power:** Consumes power only when being addressed or accessed. * **Standby Power:** Features a reduced power mode when the chip is deselected (Chip Enable is high), extending battery life in portable systems. #### Speed The **55** suffix indicates a maximum access time of **55 nanoseconds**. This makes it suitable for legacy embedded systems, microcontrollers, and buffer memory applications where high-speed synchronization is required but extreme modern speeds (DDR) are not necessary. --- ### 3. Pinout and Control Logic The device typically operates using standard SRAM control signals: * **A0 - A16:** Address inputs to select memory locations. * **I/O0 - I/O7:** Data inputs/outputs for 8-bit word transfers. * **$\overline{CE}$ (Chip Enable):** Must be LOW to activate the device. * **$\overline{WE}$ (Write Enable):** When LOW, data on I/O pins is written to the selected address. * **$\overline{OE}$ (Output Enable):** When LOW, the output drivers are active, allowing data to be read. --- ### 4. The "CWC" Package Advantage The **CWC (Ceramic Windowed Cerdip)** package is particularly notable. 1. **Ceramic Construction:** Provides superior thermal dissipation and durability compared to plastic (PDIP). 2. **Windowed Feature:** While most common in EPROMs for UV erasing, in SRAMs, windowed ceramic packages were often used for high-reliability testing, prototyping, or specialized radiation-hardened applications. --- ### 5. Common Applications * **Legacy Computing:** Replacement parts for older industrial controllers. * **Cache Memory:** Used in high-speed buffer applications. * **Battery-Backed Systems:** Due to its low standby current, it is ideal for systems where data must be retained using a small coin-cell battery when main power is lost.
    ✨ Follow-up Questions
    • ⤷ What are the voltage requirements (Vcc) for the P4C1023L series?
    • ⤷ How does the 'L' version standby current compare to the standard P4C1023?
    • ⤷ Is this part still in active production or is it considered EOL (End of Life)?