전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P4C1024L55CWC

  • AI
    ## P4C1024L55CWC: Technical Overview The **P4C1024L55CWC** is a high-performance CMOS Static Random Access Memory (SRAM) chip. It is widely used in legacy industrial systems, embedded applications, and high-reliability environments due to its asynchronous nature and low power consumption. --- ### 1. Part Number Breakdown To understand the chip, we can decode its nomenclature: | Component | Meaning | | :--- | :--- | | **P4C1024** | **Capacity**: 1 Megabit (1M) organized as 128K x 8 bits. | | **L** | **Low Power**: Indicates the low-power consumption version. | | **55** | **Speed**: 55 nanoseconds (ns) access time. | | **C** | **Package Type**: Ceramic Side-brazed Dual In-line Package (DIP). | | **W** | **Temperature Range**: Wide/Military or Industrial (Standard varies by manufacturer). | | **C** | **Screening**: Commercial or Standard screening level. | --- ### 2. Key Specifications This memory chip operates without a clock signal (asynchronous), making it easy to interface with older microprocessors. * **Technology:** CMOS for low power and high speed. * **Organization:** 131,072 words x 8 bits. * **Supply Voltage ($V_{CC}$):** Typically 5.0V ± 10%. * **Access Time:** 55ns (Maximum time to retrieve data after address is stable). * **Data Retention:** Low voltage data retention capability is common in the "L" variants. * **Inputs/Outputs:** TTL (Transistor-Transistor Logic) compatible. --- ### 3. Pin Configuration and Functions The device typically features a 32-pin layout. The core pins include: | Pin Category | Name | Description | | :--- | :--- | :--- | | **Address Inputs** | A0 - A16 | Used to select one of the 131,072 bytes. | | **Data I/O** | I/O0 - I/O7 | Bi-directional lines for data input and output. | | **Chip Enable** | $\overline{CE}$ | Activates the chip when LOW. | | **Write Enable** | $\overline{WE}$ | Initiates a write cycle when LOW. | | **Output Enable** | $\overline{OE}$ | Directs the chip to drive the data bus during a read. | | **Power/Ground** | $V_{CC}$ / $V_{SS}$ | Power supply (+5V) and Ground (0V). | --- ### 4. Typical Applications The P4C1024L55CWC is often found in the following scenarios: 1. **Industrial Controllers:** Used as cache or main memory for PLCs (Programmable Logic Controllers). 2. **Legacy Computing:** Replacement parts for older 8-bit or 16-bit computer systems. 3. **Data Logging:** Its low-power "L" characteristic makes it suitable for battery-backed memory applications to prevent data loss. 4. **Embedded Systems:** Real-time systems requiring predictable access times without the refresh cycles required by DRAM. ---
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives for the P4C1024L55CWC in new designs?
    • ⤷ How does the 'L' version differ from the standard P4C1024 in terms of current consumption?
    • ⤷ Can this SRAM chip be directly interfaced with a 3.3V microcontroller?