전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P4C1048L-45CWC

  • AI
    The **P4C1048L-45CWC** is a high-performance CMOS Static RAM (SRAM) integrated circuit, historically manufactured by Pyramid Semiconductor. It is primarily used in applications requiring low power consumption and reliable data storage without the need for constant refreshing (unlike DRAM). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 512K (524,288 bits) | | **Organization** | 512K x 1 bit | | **Access Time** | 45 ns (Nanoseconds) | | **Supply Voltage** | 5.0V (Standard TTL) | | **Technology** | CMOS (Low Power) | | **Package Type** | CWC (Ceramic Windowed LCC or similar package) | | **Operating Temp** | Commercial Range (0°C to +70°C) | --- ### 2. Functional Description * **Memory Type:** It is an asynchronous SRAM. This means it does not require a clock signal to operate; data is accessed based on the state of address lines and control pins. * **Architecture (x1):** Unlike common x8 or x16 memories, this chip is organized as **512K x 1**. This means it has 19 address lines to select one of 524,288 locations, but only outputs or receives **one bit** of data at a time. * **Low Power:** The "L" in the part number usually signifies a low-power version, optimized for battery-backed systems or energy-sensitive environments. --- ### 3. Pin Functionality and Control To operate this chip, the following signals are typically used: | Pin Name | Function | Description | | :--- | :--- | :--- | | **A0 - A18** | Address Inputs | Selects one of the 524,288 memory locations. | | **D_in / D_out** | Data I/O | The single bit data input and output lines. | | **$\overline{WE}$** | Write Enable | When LOW, data is written to the selected address. | | **$\overline{CS}$** | Chip Select | When LOW, the device is active. When HIGH, it enters standby. | | **$\overline{OE}$** | Output Enable | Controls the output drivers during a read cycle. | --- ### 4. Part Number Breakdown * **P4C1048**: The base model number (512K x 1 SRAM). * **L**: Low power characteristic. * **-45**: 45ns access time (speed grade). * **C**: Commercial temperature grade. * **WC**: Package code (often referring to a Ceramic package, sometimes used for MIL-STD-883 compliant hardware or legacy windowed packages). --- ### 5. Common Applications Due to its speed and specific 1-bit width, this part was traditionally used in: 1. **Cache Memory:** For older CPU architectures. 2. **Error Correction Code (ECC) Memory:** Adding a parity bit to a wider bus. 3. **Signal Processing:** High-speed buffering where data is processed serially. 4. **Military/Aerospace:** The ceramic packaging (CWC) suggests suitability for environments requiring high thermal stability or hermetic sealing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this x1 architecture and a x8 SRAM?
    • ⤷ Can this chip be used in modern microcontroller projects?
    • ⤷ What are the power consumption levels in standby mode for the L version?