전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P50A13-R1B

  • AI
    The **P50A13-R1B** is a specific model of an AC/DC power adapter, typically manufactured by companies like **Adapter Technology** or used as a standard power supply unit (PSU) for industrial and networking equipment. Below is a breakdown of its technical specifications, electronic components, and physical characteristics. ### 1. Technical Specifications This device is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable, low-voltage direct current (DC) for electronic devices. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50Hz / 60Hz | | **Output Voltage** | 12V DC (Standard for the P50 series) | | **Output Current** | 4.16A – 4.2A | | **Total Power** | 50 Watts | | **Efficiency** | Level VI (High Efficiency) | | **Connector Type** | Barrel Jack (usually 5.5mm x 2.1mm or 2.5mm) | --- ### 2. Key Electronic Components The internal circuitry of the P50A13-R1B follows a **Switching Mode Power Supply (SMPS)** topology. The primary components inside include: * **Input Protection:** Includes a fuse and an MOV (Metal Oxide Varistor) to protect against power surges and over-current scenarios. * **Bridge Rectifier:** A set of four diodes that convert the AC input into a pulsating DC voltage. * **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain a steady 12V output regardless of input fluctuations. * **Switching Transformer:** A high-frequency transformer that provides galvanic isolation between the dangerous high-voltage side and the safe low-voltage output. * **Filtering Capacitors:** High-grade electrolytic capacitors (often rated for 105°C) that smooth out the voltage ripples for clean DC power. * **Feedback Optocoupler:** Sends a signal from the output back to the input side to ensure the voltage remains constant under different load conditions. --- ### 3. Safety and Protection Features Electronic power supplies in this class are required to have built-in safety mechanisms: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold. 2. **OCP (Over Current Protection):** Prevents damage if the connected device draws more than 4.2A. 3. **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected to prevent fire or component melting. --- ### 4. Physical and Pinout Configuration The "R1B" suffix often refers to the specific revision or the DC plug polarity/configuration. * **Polarity:** Usually **Center Positive** ($V+$ inside, $V-$ outside). * **AC Inlet:** Typically an **IEC320-C14** (3-pin) or **C13** "kettle" style socket. * **Housing:** High-impact, flame-retardant plastic (UL 94V-0 rated).
    ✨ Follow-up Questions
    • ⤷ What is the exact pin size and polarity for the P50A13-R1B connector?
    • ⤷ Can this power supply be used with a device that requires 12V 2A?
    • ⤷ What are the common signs of failure in this specific PSU model?