전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P50A16-R1B

  • AI
    The **P50A16-R1B** is a high-performance **AC/DC External Desktop Power Supply (Adapter)**, typically manufactured by brands like **Phihong**. It is commonly used for networking equipment, peripherals, and industrial devices requiring stable DC power. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Specifications The electronic performance of this part is defined by its input and output parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 90V to 264V AC (Universal) | | **Input Frequency** | 47Hz to 63Hz | | **Output Voltage** | 16V DC | | **Output Current** | 3.12A | | **Total Power Wattage** | 50 Watts | | **Efficiency** | Level VI (typically >88%) | | **DC Connector** | Round Barrel Plug (e.g., 2.1mm x 5.5mm) | --- ### 2. Internal Electronic Protection The control circuitry within the P50A16-R1B includes several protection mechanisms to prevent damage to the connected device: * **Over-Voltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold (usually around 120% of nominal). * **Short Circuit Protection (SCP):** The unit will self-protect and enter "hiccup mode" if the output terminals are shorted. * **Over-Current Protection (OCP):** Limits the output current to prevent internal component overheating. * **Thermal Protection:** Includes internal sensors to shut down the unit if internal temperatures exceed safe operating limits. --- ### 3. Design and Compliance From an electronic design perspective, this unit is built to meet global safety and EMI/EMC standards: 1. **EMI/RFI Filtering:** Contains internal capacitors and inductors (Line Filters) to minimize electrical noise fed back into the AC line and to ensure low ripple on the DC output. 2. **Isolation:** High-voltage isolation between the primary (AC) and secondary (DC) circuits, typically tested up to 3000V AC. 3. **Certifications:** * **UL/cUL:** Safety standards for North America. * **CE:** Compliance with European health, safety, and environmental protection. * **RoHS:** Restriction of Hazardous Substances (Lead-free construction). --- ### 4. Physical Layout * **Input Side:** 3-Prong AC Inlet (typically IEC C14 "Kettle" style). * **Output Side:** Fixed DC cord, usually 1.2 to 1.5 meters long, with a ferrite core to suppress high-frequency noise. * **Enclosure:** Non-vented plastic case designed for passive convection cooling. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the DC barrel connector for this model?
    • ⤷ Is this power supply compatible with devices requiring lower than 3.12A?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for the Phihong P50A series?