전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P612-R

  • AI
    The **P612-R** is an electronic component primarily known as a **Power Inductor** (specifically a Surface Mount Device or SMD inductor). These components are critical in voltage regulation and power management circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functions The P612-R serves three primary roles in an electronic circuit: * **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator. * **Filtering:** It works with capacitors to smooth out ripple current in DC-DC converters. * **EMI Suppression:** It helps reduce electromagnetic interference by blocking high-frequency noise. --- ## 2. Technical Specifications While exact values can vary slightly by manufacturer (such as *Coiltronics/Eaton* or *Pulse Electronics*), the standard specifications for the P612 series generally follow these parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Inductance Range** | 0.47µH to 100µH | | **Current Rating (Irms)** | High Current (often 2A to 15A depending on value) | | **DCR (DC Resistance)** | Very low (mΩ range) to minimize heat loss | | **Operating Temp** | -40°C to +125°C | | **Package Style** | Shielded SMD (Surface Mount Device) | --- ## 3. Key Electronic Characteristics ### A. Magnetic Shielding The "R" in many inductor series signifies a **shielded construction**. This means the magnetic flux is contained within the component, preventing it from interfering with nearby sensitive components (like microcontrollers or sensors). ### B. Saturation Current ($I_{sat}$) This is the point where the inductor's ability to store energy drops significantly. The P612-R is designed with high saturation materials to ensure it performs reliably even under heavy load spikes. ### C. Low Core Loss These parts usually utilize a powdered iron or ferrite core optimized for high-frequency switching (typically up to 1MHz or 2MHz), which improves the overall efficiency of the power supply. --- ## 4. Common Applications The P612-R is found in high-density electronic environments, including: 1. **Voltage Regulator Modules (VRMs):** Found on PC motherboards and servers. 2. **DC-DC Converters:** Used in battery-powered devices to step voltage up or down. 3. **Graphic Cards:** Providing stable current to high-performance GPUs. 4. **Telecommunications:** Powering networking hardware and base stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the P612-R and a non-shielded inductor?
    • ⤷ How do I calculate the ripple current for this specific inductor?
    • ⤷ Which manufacturers currently produce the P612-R series?