전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P9221-R_17

  • AI
    The **P9221-R** (specifically the R_17 variant) is a highly integrated, power-efficient **wireless power receiver** (Rx) manufactured by Renesas (formerly IDT). It is designed to be compliant with the Qi protocol for wireless charging applications. --- ## 1. Technical Specifications The P9221-R is a sophisticated SoC (System on Chip) that handles the rectification and communication required for induction-based power transfer. | Feature | Specification | | :--- | :--- | | **Output Power** | Up to 15W | | **Compatibility** | WPC (Wireless Power Consortium) Qi 1.2.4 compliant | | **Input Frequency** | 100kHz to 200kHz | | **Output Voltage** | Programmable (typically 5V, 9V, or 12V) | | **Efficiency** | > 85% (when paired with matching Tx) | | **Interface** | I2C for telemetry and configuration | | **Package** | WLCSP (Wafer Level Chip Scale Package) | --- ## 2. Core Functional Blocks To understand how the electronic parts within the chip function, we can break down its internal architecture: ### A. Full-Bridge Synchronous Rectifier The chip contains high-efficiency MOSFETs arranged in a bridge. Their job is to convert the AC (Alternating Current) induced in the external coil into a stable DC (Direct Current) voltage. Because it is "synchronous," it uses active switching to minimize heat loss compared to standard diodes. ### B. LDO Regulator (Low Dropout) After rectification, the voltage is passed through an internal LDO. This ensures that the output voltage remains steady even if the coupling between the phone (receiver) and the charging pad (transmitter) fluctuates. ### C. ARM® Cortex®-M0 Processor The P9221-R includes a 32-bit microprocessor. This "brain" handles: * **FSK/ASK Modulation:** Communicating with the transmitter (e.g., asking for more power). * **Protection Logic:** Monitoring for Over-Voltage (OVP) and Over-Current (OCP). * **Foreign Object Detection (FOD):** Ensuring metal objects (like coins) don't get hot between the coils. ### D. ADC (Analog-to-Digital Converter) Internal sensors measure the current and voltage of the incoming power signal. This data is used to calculate the "Power Loss" to determine if charging is efficient and safe. --- ## 3. Peripheral Components (BOM) While the P9221-R is the "brain," it requires specific external electronic parts to function on a PCB: ```yaml Components: - Coil: A flat copper induction coil (Antenna). - Resonant Capacitors: High-quality C0G/NP0 capacitors for the LC tank circuit. - Comm Capacitors: Small capacitors used for back-channel communication (ASK). - I2C Pull-ups: Resistors for communication with the host AP (Application Processor). - Thermistor: An NTC resistor to monitor battery/coil temperature. ``` --- ## 4. Pin Configuration Highlights | Pin Name | Function | | :--- | :--- | | **AC1 / AC2** | Connects to the Wireless Power Receiver Coil. | | **RECT** | Output of the bridge rectifier; filtered by a capacitor. | | **OUT** | The regulated DC output provided to the battery charger IC. | | **SCL / SDA** | I2C clock and data lines for system communication. | | **INTB** | Interrupt pin to alert the system of status changes. |
    ✨ Follow-up Questions
    • ⤷ What are the key differences between the P9221-R and the P9222-R?
    • ⤷ How do I configure the output voltage via the I2C interface?
    • ⤷ Which external coil specifications are recommended for 15W operation?