전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • P9415-R

  • AI
    The **P9415-R** is a highly integrated, single-chip wireless power receiver IC developed by Renesas (formerly IDT). It is designed for high-performance mobile applications, supporting high-wattage wireless charging. --- ### ## 1. Technical Overview The P9415-R is compliant with the **WPC (Wireless Power Consortium) Qi 1.3** standard. It is specifically engineered to handle high power levels, typically up to **15W or 30W** (depending on the specific configuration and thermal management), making it suitable for smartphones and high-end portable electronics. ### ## 2. Key Electronic Components & Subsystems The internal architecture of the P9415-R consists of several critical functional blocks: | Component | Function | | :--- | :--- | | **Full-Bridge Rectifier** | Converts the AC power induced in the receiver coil into a stable DC voltage with high efficiency. | | **LDO Regulator** | Provides a regulated output voltage to the downstream charging circuitry or battery. | | **ARM® Cortex®-M0** | An embedded 32-bit processor that manages the communication protocol, power control loops, and system logic. | | **Foreign Object Detection (FOD)** | Sophisticated circuitry that detects metal objects between the transmitter and receiver to prevent overheating. | | **MTP (Non-Volatile Memory)** | Multiple-Time Programmable memory used to store firmware updates and custom configuration parameters. | | **I2C Interface** | A serial communication port used to interface with the host Application Processor (AP) for status monitoring. | --- ### ## 3. Core Specifications - **Input Frequency Range:** 110kHz to 205kHz (standard Qi range). - **Output Voltage:** Programmable output voltage (typically 5V to 20V). - **Efficiency:** Up to 97% peak efficiency to minimize heat generation. - **Protection Features:** - Over-Voltage Protection (OVP) - Over-Current Protection (OCP) - Over-Temperature Protection (OTP) ### ## 4. Typical Application Circuit When integrating the P9415-R, engineers usually include the following external parts: 1. **Rx Coil:** An induction coil optimized for the specific power level. 2. **Resonance Capacitors:** High-quality C0G/NP0 capacitors to form the resonant tank. 3. **Thermistor:** An external NTC thermistor for precise battery/surface temperature monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the P9415-R and the standard P9415?
    • ⤷ How is the Foreign Object Detection (FOD) calibrated in this chip?
    • ⤷ Can the P9415-R be used for proprietary fast-charging protocols above 15W?