전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PAL14X2VC

  • AI
    # Technical Overview of PAL14X2VC The **PAL14X2VC** is a legacy **Programmable Array Logic (PAL)** device. It belongs to the family of bipolar digital integrated circuits used to implement combinatorial and registered logic functions. --- ## 1. Physical and Technical Specifications The "14X2" designation defines the internal architecture of the device (inputs/outputs). | Parameter | Specification | |:--- |:--- | | **Manufacturer** | Primarily Advanced Micro Devices (AMD) / Vantis | | **Logic Type** | Programmable Array Logic (PAL) | | **Inputs** | 14 Dedicated Inputs | | **Outputs** | 2 Dedicated Outputs (Registered or Combinatorial) | | **Technology** | TTL (Bipolar) | | **Voltage Supply** | 5V Typical | | **Package Options** | DIP (Dual In-line Package), PLCC | --- ## 2. Internal Architecture The device follows the standard PAL structure, consisting of a **Programmable AND array** feeding into a **Fixed OR array**. ### Key Components: * **Programmable AND Plane:** Allows users to define specific product terms by blowing internal fuses (or EPROM cells in later versions). * **Fixed OR Plane:** Sums the product terms to create the final logic output. * **Output Logic Macrocells (OLMC):** In the "X2" variant, these are typically configured as registered outputs, meaning they include a D-type flip-flop synchronized to a clock signal. --- ## 3. Part Number Breakdown Understanding the nomenclature helps identify the performance characteristics: | Code Segment | Meaning | |:--- |:--- | | **PAL** | Programmable Array Logic | | **14** | Number of Inputs | | **X** | Exclusive OR (XOR) capability or Registered structure | | **2** | Number of Outputs | | **V** | Variable Architecture (Variable Macrocell) | | **C** | Commercial Temperature Range (0°C to 75°C) | --- ## 4. Operational Logic The PAL14X2VC is designed for "Glue Logic" applications, such as: 1. **State Machines:** Using the registered outputs to hold state. 2. **Address Decoding:** Mapping CPU addresses to specific peripheral chips. 3. **Timing Generators:** Creating specific pulse patterns for hardware synchronization. --- ## 5. Replacement and Legacy Status The PAL14X2VC is largely considered an **obsolete/legacy** component. In modern electronics design, it is replaced by: * **GAL (Generic Array Logic):** Such as the GAL16V8, which is electrically erasable and reprogrammable. * **CPLDs:** Like the Xilinx XC9500 series for more complex logic. * **FPGAs:** For high-density logic requirements.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between PAL and GAL devices?
    • ⤷ Which programming hardware is required to program a PAL14X2VC?
    • ⤷ Can a PAL14X2VC be replaced directly by a GAL16V8?