전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY1L2

  • AI
    Based on your query, it appears you are referring to the **PBY1L2** series, which is a specific designation for high-performance **Bridge Rectifiers** (often from manufacturers like Vishay or generic industrial suppliers). These components are essential in power management for converting alternating current (AC) into direct current (DC). --- ## 1. Technical Specifications The PBY1L2 series is typically characterized by its power handling capabilities and low forward voltage drop. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Single-Phase Bridge Rectifier | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200V - 1000V (depending on suffix) | | **Max Average Forward Current ($I_{F(AV)}$)** | 1.0A to 2.0A | | **Forward Voltage Drop ($V_F$)** | ~1.1V at rated current | | **Operating Temperature** | -55°C to +150°C | | **Mounting Type** | Through-hole or Surface Mount (SMA/SMB variant) | --- ## 2. Internal Construction A bridge rectifier like the PBY1L2 consists of four diodes arranged in a specific "bridge" configuration inside a single package. ### Circuit Diagram Representation ```text (AC Input ~) | ______|______ | | | --- --- --- / \ / \ / \ (Diodes) --- --- --- | | | (DC-) (AC ~) (DC+) ``` --- ## 3. Key Functions and Applications The PBY1L2 serves several critical roles in electronic circuitry: 1. **Full-Wave Rectification:** It converts both polarities of the AC input waveform into a pulsating DC signal, providing higher efficiency than a single-diode half-wave rectifier. 2. **Polarity Protection:** It can be used to protect a DC device from damage if the power supply batteries are inserted backward. 3. **Power Supplies:** Commonly found in AC/DC adapters, chargers, and small consumer electronics. --- ## 4. Usage Considerations When integrating the PBY1L2 into a design, engineers must account for: * **Heat Dissipation:** Even with a low forward voltage, the component generates heat ($P = V_F \times I_F$). Ensure adequate PCB copper trace area for cooling. * **Peak Inverse Voltage (PIV):** Ensure the $V_{RRM}$ of the specific PBY1L2 model exceeds the peak voltage of your AC source to prevent component breakdown.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBY1L2 and a standard 1N4007 diode?
    • ⤷ How do I calculate the heat sink requirements for this bridge rectifier?
    • ⤷ Can this part be used in high-frequency switching power supplies?