전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY274

  • AI
    The **PBY274** is a specific model of a **Full-Wave Bridge Rectifier**. It is an integrated electronic component consisting of four diodes connected in a bridge configuration, used primarily to convert Alternating Current (AC) into Direct Current (DC). ### 1. Key Technical Specifications The PBY274 is designed for medium-power applications. Below are the typical electrical characteristics: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Single-Phase Bridge Rectifier | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 400V - 600V (Variant dependent) | | **Max Average Forward Current ($I_{F(AV)}$)** | 1.0A to 1.5A | | **Peak Forward Surge Current ($I_{FSM}$)** | 30A to 50A | | **Operating Temperature** | -55°C to +150°C | | **Package Style** | Through-hole (usually Circular or Square SIL) | --- ### 2. Functional Anatomy A bridge rectifier like the PBY274 simplifies circuit design by housing four internal silicon diodes in a single package. * **Input (AC Terminals):** Two pins marked with a sine wave symbol ($\sim$). These receive the oscillating voltage from a transformer. * **Output (DC Terminals):** Two pins marked with **+** (Positive) and **-** (Negative). This provides the rectified pulsating DC. --- ### 3. Applications The PBY274 is commonly found in the "Power Stage" of electronic devices: * **AC/DC Adapters:** Converting wall outlet power for small electronics. * **Power Supplies:** Used in radios, TV sets, and desktop chargers. * **Battery Chargers:** Providing the rectified current needed to charge lead-acid or Li-ion batteries via a regulator. --- ### 4. Circuit Implementation Example In a standard power supply circuit, the PBY274 is usually followed by a **Smoothing Capacitor** to reduce voltage ripple. ```text AC Input (24V) ----> [ ~ PBY274 ~ ] ----> (+) ---- [ Capacitor ] ----> DC Out [ Bridge ] ---- (-) ----------------------> Ground ``` --- ### 5. Troubleshooting Tips If you are testing a PBY274 with a multimeter in **Diode Mode**: 1. **Forward Bias:** Placing the Red lead on an AC pin and Black lead on the (+) pin should show a reading (approx. 0.6V). 2. **Reverse Bias:** Reversing the leads should show "OL" (Open Loop). 3. **Short Circuit:** If the multimeter beeps or shows 0.00V in both directions between any two pins, the bridge rectifier is blown and must be replaced.
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for a PBY274?
    • ⤷ How do I calculate the filter capacitor size for this rectifier?
    • ⤷ What is the difference between the PBY274 and the 1N4007 diode?