전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY303

  • AI
    The **PBY303** is a high-reliability, high-voltage silicon rectifier diode, primarily used in industrial and automotive applications. It belongs to the PBY series of diodes, known for their robust construction and ability to handle significant surge currents. --- ## Technical Specifications The following table outlines the key electronic parameters of the PBY303: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 300 | Volts | | **Maximum Average Forward Current** | $I_{F(AV)}$ | 3.0 | Amperes | | **Non-Repetitive Peak Surge Current** | $I_{FSM}$ | 100 - 150 | Amperes | | **Maximum Forward Voltage Drop** | $V_F$ | 1.1 | Volts (at $I_F = 3A$) | | **Maximum Reverse Leakage Current** | $I_R$ | 5 - 10 | $\mu A$ | | **Operating Junction Temperature** | $T_j$ | -65 to +175 | °C | --- ## Core Electronic Components & Construction ### 1. The Semiconductor Junction The PBY303 utilizes a **diffused silicon P-N junction**. Silicon is chosen for its superior thermal stability compared to germanium. The diffusion process ensures a uniform distribution of dopants, which allows the diode to withstand high reverse voltages (up to 300V) without breakdown. ### 2. Physical Packaging (DO-201AD / DO-27) The internal silicon chip is encapsulated in a molded plastic case. * **Flame Retardancy:** Usually meets UL 94V-0 standards. * **Heat Dissipation:** The lead wires (usually tin-plated copper) act as the primary thermal path to the Printed Circuit Board (PCB). * **Polarity:** A color band denotes the **Cathode** end. ### 3. Surge Handling Capability One of the critical "parts" of its electronic behavior is its ability to handle **$I_{FSM}$ (Peak Forward Surge Current)**. This is achieved through a large junction area that can absorb sudden energy spikes (e.g., when a power supply is first turned on) without melting the silicon structure. --- ## Common Applications Because of its 3A current rating and 300V tolerance, the PBY303 is typically found in: 1. **Bridge Rectifiers:** Converting AC to DC in power supplies. 2. **Freewheeling Diode:** Protecting circuits from inductive "kickback" in motor controllers or relay circuits. 3. **Battery Chargers:** Preventing reverse polarity discharge. 4. **Snubber Circuits:** Absorbing voltage transients in switching power supplies. --- ## Schematic Symbol In a circuit diagram, the PBY303 is represented by the standard diode symbol: ```text Anode Cathode | | ---+---|>|--------+--- (Arrow) (Bar) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between PBY303 and a standard 1N5408 diode?
    • ⤷ How does temperature affect the reverse leakage current of the PBY303?
    • ⤷ What are the recommended heat sinking techniques for a 3A diode like the PBY303?