전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY304

  • AI
    The **PBY304** (often referred to within the series of high-voltage silicon rectifiers) is a specific type of **Rectifier Diode**. These components are primarily used to convert Alternating Current (AC) into Direct Current (DC) in high-load or high-voltage environments. --- ### 1. Key Technical Specifications The PBY304 belongs to a class of power diodes designed for durability and thermal stability. Below are the typical electrical characteristics: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 400V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 3.0 Amperes | | **Non-repetitive Peak Surge Current** | $I_{FSM}$ | 100 - 200 Amperes | | **Forward Voltage Drop** | $V_F$ | ~1.1V (at rated current) | | **Operating Temperature Range** | $T_j$ | -65°C to +175°C | --- ### 2. Functional Components & Materials To understand the electronic "parts" of the PBY304, we must look at its physical construction: * **Silicon Wafer (P-N Junction):** The core of the device is a semiconductor chip made of high-purity silicon. It is doped to create a P-type and N-type layer, allowing current to flow in only one direction. * **Anode and Cathode Leads:** Copper leads (usually tin-plated for soldering) that provide the electrical connection to the circuit. * **Molded Plastic Case:** An epoxy resin body (often DO-201AD or similar) that provides electrical insulation and protection against environmental moisture. * **Passivation Layer:** A glass or chemical coating over the silicon junction to prevent leakage current and increase voltage stability. --- ### 3. Circuit Application In a circuit, the PBY304 acts as a "one-way valve." Here is a basic representation of how it is integrated into a bridge rectifier circuit: ```python # Simplified logic of a Rectifier Bridge using PBY304 def rectifier_output(ac_input_voltage): threshold_voltage = 1.1 # Forward drop of PBY304 if ac_input_voltage > threshold_voltage: return ac_input_voltage - threshold_voltage else: return 0 # Blocking state ``` --- ### 4. Common Uses 1. **Power Supplies:** Used in the primary rectification stage of AC-to-DC adapters. 2. **Battery Chargers:** Protecting circuits against reverse polarity. 3. **Freewheeling Diodes:** Used in inductive loads (like motors or relays) to suppress voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBY304 and the 1N5404 diode?
    • ⤷ How does heat sinking affect the current rating of this part?
    • ⤷ Can the PBY304 be used in high-frequency switching power supplies?