전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY306

  • AI
    The **PBY306** is a high-performance **Silicon Rectifier Diode** (often associated with the PBY series) typically used in power supply rectification and circuit protection. Below is a detailed breakdown of its electronic components, specifications, and applications. --- ### 1. Technical Specifications The PBY306 is designed to handle significant voltage and current, making it suitable for industrial and consumer power applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | PN Junction Silicon Rectifier | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Maximum Forward Voltage Drop ($V_{F}$)** | ~1.1V at $I_F$ | | **Operating Temperature Range** | -65°C to +175°C | | **Package Type** | DO-201AD (Axial Lead) or similar | --- ### 2. Physical Construction The part consists of three primary internal "electronic parts": 1. **Silicon Wafer (Die):** A high-purity silicon crystal doped to create a P-type and N-type junction. This is the "heart" of the component that allows current to flow in one direction. 2. **Passivation Layer:** The silicon die is usually covered with a glass or epoxy passivation layer to prevent contamination and ensure high-voltage stability. 3. **Leads & Heat Sink:** Thick copper leads (Axial) designed to carry the 3A current and act as a thermal path to dissipate heat into the PCB. --- ### 3. Key Electronic Functions * **Rectification:** Its primary role is converting Alternating Current (AC) to Direct Current (DC). * **Blocking:** In the reverse bias state, it prevents current from flowing back into sensitive components, protecting against polarity reversal. * **Surge Handling:** It is built to withstand high momentary surge currents (often up to 100A+ for short durations) that occur when power is first applied to a circuit. --- ### 4. Common Applications * **AC-to-DC Adapters:** Used in bridge rectifiers for power bricks. * **Battery Chargers:** Prevents the battery from discharging back through the charging circuit. * **Freewheeling Diode:** Used in motor control circuits to suppress "flyback" voltage spikes from inductive loads. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBY306 and a Schottky diode?
    • ⤷ How do you calculate the power dissipation of a PBY306 in a circuit?
    • ⤷ What are the recommended soldering temperatures for the DO-201AD package?