전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBY5F10

  • AI
    The **PBY5F10** is a specific part number typically associated with **SMD (Surface Mount Device) Electrolytic Capacitors**. These components are essential in modern circuit design for power management and signal stability. Below is a detailed breakdown of the technical specifications, characteristics, and applications for this electronic part. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Suncon or Samxon), the "PBY" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Capacitance Range** | Typically 10µF to 1000µF (Varies by suffix) | | **Voltage Rating** | 6.3V to 50V DC | | **Operating Temperature** | -55°C to +105°C | | **Tolerance** | ±20% (Standard) | | **Endurance** | 1,000 to 2,000 hours at 105°C | ### 2. Physical Characteristics The PBY series is designed for automated assembly (Pick-and-Place). Key features include: * **Cylindrical Metal Can:** Houses the electrolyte and plates. * **Plastic Base Plate:** Provides stability for reflow soldering. * **Polarity Marking:** A dark band on the top of the capacitor indicates the negative (-) terminal. ### 3. Key Functions in a Circuit The PBY5F10 performs several critical roles depending on its placement: 1. **Filtering:** It smooths out ripples in power supply lines, converting rectified AC or noisy DC into a steady voltage. 2. **Decoupling:** Placed near ICs to provide a local energy reservoir, preventing voltage drops during sudden high-current demands. 3. **Energy Storage:** Holds charge briefly to bridge gaps in power supply. 4. **Bypassing:** Diverts high-frequency noise to the ground to prevent interference with sensitive signals. --- ### 4. Comparison: Electrolytic vs. Ceramic In the context of parts like the PBY series, it is important to know why an electrolytic capacitor is chosen over a MLCC (Ceramic): | Feature | PBY (Electrolytic) | MLCC (Ceramic) | | :--- | :--- | :--- | | **Capacitance** | High (uF range) | Low to Medium (nF to uF) | | **Polarity** | Polarized (Must be installed correctly) | Non-polarized | | **Size** | Larger height profile | Very compact | | **Cost** | Cheaper for high capacitance | More expensive for high capacitance | --- ### 5. Common Applications * **Consumer Electronics:** Motherboards, monitors, and game consoles. * **Power Supplies:** DC-DC converters and AC adapters. * **Automotive:** Infotainment systems and non-critical sensor modules. * **Telecommunications:** Routers, switches, and modems.
    ✨ Follow-up Questions
    • ⤷ What are the risks of reverse polarity when installing a PBY5F10 capacitor?
    • ⤷ How do I interpret the specific numbers in the PBY5F10 part code for voltage and capacitance?
    • ⤷ What is the typical shelf life of an SMD electrolytic capacitor like this?