전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYL1025B

  • AI
    ## PBYL1025B Technical Overview The **PBYL1025B** is a power electronic component, specifically a **Schottky Barrier Diode**. It is designed for high-frequency switching and low-power loss applications. It is commonly housed in a **TO-220AC** (two-terminal) power package. --- ### 1. Key Technical Specifications The performance of the PBYL1025B is defined by its ability to handle specific voltage and current thresholds. | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~ 0.45 V - 0.50 V | | **Reverse Recovery Time** | $t_{rr}$ | Negligible (Fast) | | **Operating Junction Temp** | $T_j$ | Up to 150°C | --- ### 2. Physical Characteristics & Pinout The device typically uses the **TO-220** plastic package, which features a metal tab for heat sinking. * **Pin 1 (Cathode):** Connected to the metal mounting tab. * **Pin 2 (Anode):** The input terminal. * **Case/Tab:** Usually acts as the Cathode to ensure efficient thermal dissipation. --- ### 3. Core Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower voltage drop (approx. 0.4V) compared to standard silicon diodes (0.7V), leading to higher efficiency. * **High-Speed Switching:** It has very low junction capacitance, allowing it to switch on and off almost instantaneously. * **Guard Ring Protection:** Most "PBYL" series diodes include an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Common Applications Due to its 10A rating and 25V limit, this part is ideal for low-voltage, high-current environments: 1. **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to protect circuits from inductive spikes. 3. **Battery Isolation:** Prevents reverse current flow in solar chargers or battery-backed systems. 4. **Reverse Polarity Protection:** Protects sensitive electronics from incorrectly connected power sources. --- ### 5. Selection Considerations When using the PBYL1025B, engineers must account for: * **Reverse Leakage:** Schottky diodes have higher reverse leakage current than standard diodes, especially at high temperatures. * **Voltage Margin:** Since the $V_{RRM}$ is only 25V, it should not be used in circuits where voltage spikes might exceed this limit (e.g., 24V nominal systems are too risky).
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYL1025B?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ Can this diode be used in a bridge rectifier configuration?