전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYL1620B

  • AI
    ## Technical Overview of PBYL1620B The **PBYL1620B** is a high-performance, low-loss **Schottky Barrier Rectifier** diode. It is primarily used in power supply circuits where high efficiency and high-speed switching are required. It is commonly manufactured by NXP (formerly Philips) or WeEn Semiconductors. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200 V | | **Average Forward Current** | $I_{F(AV)}$ | 16 A | | **Forward Voltage Drop** (at 16A, 25°C) | $V_F$ | ~0.88 V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 150 A | | **Operating Junction Temperature** | $T_j$ | 150 °C | | **Package Type** | - | TO-220AC | --- ### 2. Physical Construction and Pins The PBYL1620B usually comes in a **TO-220AC** plastic package, which features a metal tab for heat sinking. * **Pin 1 (Cathode):** Connected to the metal tab/heatsink. * **Pin 2 (Anode):** The input pin. * **Design:** It is a single-diode configuration (unlike the "CT" series which are dual-diodes). --- ### 3. Core Features * **Low Forward Voltage:** Reduces power dissipation during conduction, increasing the overall efficiency of the power system. * **Fast Switching:** As a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. * **Guard Ring Protection:** Most versions include an internal guard ring for stress protection and long-term reliability against transient voltages. * **High Junction Temperature:** Rated up to 150°C, allowing it to operate in demanding thermal environments. --- ### 4. Common Applications 1. **Switched Mode Power Supplies (SMPS):** Used for output rectification in high-frequency DC-DC converters. 2. **Free-Wheeling Diode:** Protects circuits from voltage spikes in motor control and inductive load switching. 3. **Polarity Protection:** Prevents damage to electronics if a battery or power source is connected backward. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 5. Implementation Example In a typical buck converter circuit, the diode is placed in parallel with the load to provide a path for the current when the main switch is off. ```text [Input DC] ---> [Switch/MOSFET] ---+---> [Inductor] ---> [Output] | [PBYL1620B] (Freewheeling) | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYL1620B and a standard silicon rectifier?
    • ⤷ How should the heatsink for a PBYL1620B be sized for a 10A load?
    • ⤷ Is there a dual-diode version of this part for center-tap transformers?