전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYL1625

  • AI
    ## Technical Overview of the PBYL1625 The **PBYL1625** is a high-performance **Schottky Barrier Diode** (also known as a Power Schottky Rectifier). It is specifically designed for high-frequency rectification and low-voltage power applications. ### 1. Key Features * **Low Forward Voltage Drop:** Minimizes power loss during conduction. * **High Switching Speed:** Due to the Schottky construction, it has negligible reverse recovery time. * **Guard Ring Protection:** Includes internal circuitry to protect against transient voltages and stress. * **High Junction Temperature:** Capable of operating at elevated temperatures (typically up to 150°C). --- ### 2. Technical Specifications Below are the typical electrical characteristics for the PBYL1625 series: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 16 A | | **Forward Voltage Drop** (at 16A) | $V_F$ | ~0.45 V - 0.50 V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 250 A | | **Package Type** | - | TO-220AC | --- ### 3. Pin Configuration The device is usually housed in a **TO-220** package, which is designed for easy mounting to a heatsink. 1. **Pin 1 (Anode):** Current input. 2. **Pin 2/Tab (Cathode):** Current output (connected to the mounting tab for thermal dissipation). --- ### 4. Common Applications Due to its efficiency and speed, the PBYL1625 is commonly found in: * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Ideal for step-down (buck) or step-up (boost) converters. * **Freewheeling Diodes:** Protects circuits from inductive spikes in motor drivers. * **Battery Chargers:** Prevents reverse current flow and ensures efficient charging. --- ### 5. Circuit Symbol (Standard Representation) ```text Anode (1) Cathode (2/Tab) |-----------|>|-----------| Schottky ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode like PBYL1625 and a standard PN junction diode?
    • ⤷ Can the PBYL1625 be used in high-voltage AC rectification?
    • ⤷ What are the thermal management requirements for this diode at 16A?