전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYL2020

  • AI
    The **PBYL2020** is a specific model of a **Schottky Barrier Diode**. These components are widely used in power supplies, converters, and protection circuits due to their low forward voltage drop and high switching speed. --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "20" often denotes the amperage and "20" (or the suffix) denotes the voltage rating. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Max Average Forward Current ($I_F$)** | 20 Amperes | The maximum continuous current the diode can handle. | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 Volts | The maximum voltage it can block in the reverse direction. | | **Forward Voltage Drop ($V_F$)** | ~0.85V - 0.95V | The voltage lost across the diode when conducting. | | **Package Type** | TO-220 / D2PAK | Usually a 3-pin power package (often dual-diode). | | **Operating Temperature** | -65°C to +175°C | The thermal range for safe operation. | --- ### 2. Internal Configuration The PBYL2020 is frequently found in a **Common Cathode** configuration. This means there are two diodes inside a single package sharing a middle pin. ```text Pin 1: Anode 1 (Input A) Pin 2: Cathode (Common Output / Tab) Pin 3: Anode 2 (Input B) ``` ### 3. Electronic Characteristics 1. **Schottky Technology:** Unlike standard silicon diodes (which use a P-N junction), Schottky diodes use a **metal-to-semiconductor junction**. This results in much faster switching times. 2. **Low Switching Losses:** Because there is negligible "reverse recovery time," it produces less heat during high-frequency switching. 3. **High Efficiency:** The low forward voltage drop ensures that less power is wasted as heat compared to standard rectifiers. --- ### 4. Common Applications * **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert AC/High-frequency pulses to DC. * **Freewheeling Diode:** Used in motor control circuits to protect components from inductive voltage spikes. * **OR-ing Diodes:** Used in redundant power systems to combine two power sources without one back-feeding the other. * **Battery Chargers:** Prevents battery discharge back into the charging circuit when the input power is off. --- ### 5. Summary Table: Pros and Cons | Feature | Advantage | Disadvantage | | :--- | :--- | :--- | | **Speed** | Extremely fast switching. | Sensitive to voltage spikes. | | **Efficiency** | Low power loss ($V_F$). | Higher reverse leakage current than standard diodes. | | **Thermal** | High junction temperature capability. | Requires adequate heatsinking at 20A. |
    ✨ Follow-up Questions
    • ⤷What is the difference between a PBYL2020 and a standard 1N4007 diode?
    • ⤷ How do I test a PBYL2020 using a digital multimeter?
    • ⤷ Can I use a PBYL2020 in a 220V AC bridge rectifier?