전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYL2020B

  • AI
    ## PBYL2020B: Electronic Specifications and Overview The **PBYL2020B** is a high-performance **Power Schottky Rectifier** diode. It is commonly used in switch-mode power supplies, free-wheeling diodes, and reverse polarity protection circuits. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the PBYL2020B: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200 | V | | **Average Forward Current** | $I_{F(AV)}$ | 20 | A | | **Forward Voltage Drop** (at 20A) | $V_F$ | ~0.90 | V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 150 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +175 | °C | | **Package Type** | - | TO-263 (D2PAK) | - | --- ### 2. Physical and Electrical Construction The PBYL2020B belongs to the **Schottky Barrier** family, which differs from standard PN-junction diodes in several ways: * **Metal-Semiconductor Junction:** Instead of a P-N junction, it uses a metal-to-silicon contact. This results in a much faster switching speed and a lower forward voltage drop compared to standard rectifiers. * **Guard Ring:** Most PBYL series diodes incorporate a "Guard Ring" for stress protection. This enhances reliability against high-voltage transients (dv/dt). * **Surface Mount Design:** The "B" suffix usually denotes the **TO-263 (D2PAK)** package, which is designed for surface mount technology (SMT) and offers good thermal dissipation through the large center tab. --- ### 3. Application Use Cases Because of its high current rating (20A) and relatively high reverse voltage (200V) for a Schottky, it is used in: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. 2. **DC-DC Converters:** Acts as a catch diode or freewheeling diode in buck/boost converters. 3. **Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Thermal Management Since the PBYL2020B handles up to 20A, heat dissipation is critical. * **Thermal Resistance ($R_{thj-mb}$):** Typically around **1.5 K/W** (Kelvin per Watt) from the junction to the mounting base. * **Recommendation:** When soldering to a PCB, ensure a large copper pad area or a dedicated heatsink to prevent the junction temperature from exceeding 175°C.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PBYL2020B and a standard silicon diode like the 1N4007?
    • ⤷ How does the forward voltage drop change with temperature in this specific component?
    • ⤷ Can I use the PBYL2020B in a high-frequency AC rectifier circuit?