전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1025D

  • AI
    ## PBYR1025D Electronic Component Overview The **PBYR1025D** is a Schottky barrier rectifier diode designed for high-frequency switching and low power loss applications. It is commonly utilized in power management systems and DC-to-DC converters. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYR1025D: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 25 V | The maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_{F(AV)}$)** | 10 A | The maximum continuous current allowed through the diode. | | **Forward Voltage Drop ($V_F$)** | ~0.45 V | Low voltage drop leads to higher efficiency and less heat. | | **Operating Junction Temperature ($T_j$)** | Up to 150°C | Robustness in high-heat environments. | | **Package Type** | DPAK (TO-252) | Surface-mount plastic package with good thermal dissipation. | --- ### 2. Core Features * **Schottky Barrier Technology:** Utilizes a metal-to-semiconductor junction, which allows for significantly faster switching speeds compared to standard PN junction diodes. * **Low Power Losses:** Due to the low forward voltage drop ($V_F$), the device minimizes energy wasted as heat. * **High Guard Ring Protection:** Many versions include an internal guard ring for stress protection and long-term reliability against high voltage transients. * **Surface Mount Design:** The DPAK form factor is ideal for automated assembly and space-constrained PCB designs. --- ### 3. Common Applications The PBYR1025D is typically found in the following circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in high-frequency power units. 2. **DC-DC Converters:** Acts as a freewheeling or "catch" diode to maintain current flow when switches are off. 3. **Polarity Protection:** Prevents damage to circuits if a battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Comparison: Schottky vs. Standard Diode | Feature | Schottky (PBYR1025D) | Standard Rectifier | | :--- | :--- | :--- | | **Switching Speed** | Ultra-fast (nanoseconds) | Slower (microseconds) | | **Voltage Drop** | 0.2V - 0.45V | 0.7V - 1.1V | | **Reverse Leakage** | Higher | Lower | | **Efficiency** | High | Moderate |
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYR1025D?
    • ⤷ How does heat sinking affect the 10A current rating in the DPAK package?
    • ⤷ What is the typical reverse recovery time for this Schottky diode?