전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1035B

  • AI
    The **PBYR1035B** is a high-performance **Schottky Barrier Diode** (SBD) typically housed in a surface-mount package (D2PAK). It is designed for high-frequency switching and low-power loss applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the PBYR1035B: | Parameter | Symbol | Value | Units | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 35 | Volts (V) | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 10 | Amperes (A) | | **Forward Voltage Drop (at 10A)** | $V_{F}$ | ~0.55 - 0.60 | Volts (V) | | **Peak Surge Current (8.3ms)** | $I_{FSM}$ | 125 | Amperes (A) | | **Operating Junction Temperature** | $T_{j}$ | -65 to +150 | °C | --- ### 2. Functional Features * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a lower $V_F$ compared to standard silicon diodes, leading to higher efficiency and less heat generation. * **Fast Switching Speed:** It exhibits negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed switching circuits. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection and long-term reliability against high voltage transients. * **Package Type:** Usually supplied in **SOT404 (D2PAK)**, which is designed for surface mounting and provides good thermal dissipation. --- ### 3. Applications The PBYR1035B is commonly found in the following electronic circuits: 1. **Switch Mode Power Supplies (SMPS):** Used for output rectification to improve efficiency. 2. **DC-DC Converters:** Acts as a freewheeling diode in buck or boost converters. 3. **Polarity Protection:** Protects sensitive DC equipment from accidental reverse battery connection. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Pin Configuration For the D2PAK (SOT404) version: ```text _______ | 3 | <-- Tab (Cathode) __|_______|__ | 1 2 | |__|_______|__| 1: Anode 2: Anode (Internal connection) 3/Tab: Cathode ``` *(Note: In most power packages, the center lead is often omitted, and the large metal tab acts as the cathode connection for heat sinking.)*
    ✨ Follow-up Questions
    • ⤷What is the difference between a PBYR1035B and a standard silicon rectifier?
    • ⤷ How does temperature affect the forward voltage drop of this diode?
    • ⤷ Can this diode be used in a 48V power system?