전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1045B

  • AI
    The **PBYR1045B** is a high-performance **Schottky Barrier Diode** (Rectifier) primarily designed for high-frequency switching and low-voltage applications. It is commonly used in power supplies, converters, and protection circuits. ### 1. Key Specifications The following table outlines the fundamental electrical characteristics of the PBYR1045B: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current** | $I_{F(AV)}$ | 10 | A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~0.57 | V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 | A | | **Operating Junction Temp** | $T_j$ | -65 to +150 | °C | --- ### 2. Physical and Packaging The "B" suffix in PBYR1045B typically refers to the **D2PAK (SOT404)** surface-mount package. * **Construction:** Metal-to-silicon junction (Schottky barrier) which ensures majority carrier conduction. * **Package Type:** Surface Mount Device (SMD). * **Thermal Resistance:** Low thermal resistance from junction to mounting base, allowing for efficient heat dissipation. --- ### 3. Major Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a significantly lower voltage drop compared to standard PN-junction diodes, leading to higher efficiency. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed switching power supplies. * **Guard Ring:** Usually features an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Typical Applications The PBYR1045B is found in various power electronic circuits: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC/Square waves to DC. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to provide a path for inductor current when the switch is off. 3. **Battery Protection:** Prevents reverse polarity damage in battery-powered devices. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 5. Circuit Symbol & Polarity In a standard schematic, the device follows the Schottky symbol: ```text Anode (1) ----|>|---- Cathode (Tab/2) (Schottky) ``` *Note: In the D2PAK package, the center pin (Pin 2) is usually truncated and electrically connected to the large mounting tab (Cathode).*
    ✨ Follow-up Questions
    • ⤷What is the difference between PBYR1045B and a standard PN junction diode?
    • ⤷ How does heat dissipation affect the current rating of this diode?
    • ⤷ Can this diode be used in a 24V or 48V power system safely?