전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1045F

  • AI
    The **PBYR1045F** is a high-performance **Schottky Barrier Diode** known for its low forward voltage drop and fast switching capabilities. It is commonly used in power management circuits, specifically for rectification and protection. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 45 V | Maximum repetitive peak reverse voltage | | **$I_{F(AV)}$** | 10 A | Average forward current | | **$V_F$** | ~0.57 V | Maximum forward voltage (at 10A, $T_j=25^\circ C$) | | **$I_{FSM}$** | 125 A | Non-repetitive peak forward surge current | | **Package** | TO-220F | Isolated plastic package (Full Pack) | --- ### 2. Physical and Structural Features * **Schottky Barrier Technology:** Unlike standard PN junction diodes, it uses a metal-to-silicon junction. This results in a much lower forward voltage ($V_F$), which improves efficiency by reducing power loss. * **Isolated Package (TO-220F):** The "F" suffix typically denotes a "Full Pack" or isolated package. This means the internal metal tab is electrically isolated from the heatsink, eliminating the need for separate insulating washers (micas). * **Guard Ring:** It usually incorporates an internal guard ring for stress protection, which enhances long-term reliability and provides high $dv/dt$ capability. --- ### 3. Application Areas The PBYR1045F is designed for high-frequency applications where efficiency is critical: 1. **Switched Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC/square waves into DC. 2. **DC-DC Converters:** Acts as a freewheeling diode to maintain current flow when switches are turned off. 3. **Polarity Protection:** Protects sensitive electronics from accidental battery reversal with minimal voltage loss. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Comparison: Schottky vs. Standard Rectifier | Feature | Schottky (PBYR1045F) | Standard Rectifier | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast (ps range) | Fast to Slow (ns to $\mu$s) | | **Forward Voltage** | Low (0.4V - 0.6V) | High (0.7V - 1.1V) | | **Reverse Leakage** | Higher | Very Low | | **Reverse Recovery** | Negligible | Significant | --- ### 5. Circuit Symbol and Terminal Identification ```text Cathode (K) | --- / \ (Schottky Symbol) /___\ | Anode (A) ``` * **Pin 1:** Anode * **Pin 2:** Cathode * *(Note: In a TO-220F, check the specific manufacturer datasheet for pinout, though standard configuration is Anode-Cathode-Anode for dual-diode versions or Anode-Cathode for singles).*
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the PBYR1045F at its maximum rated current?
    • ⤷ How does the reverse leakage current of this diode change with temperature?
    • ⤷ What is the difference between the PBYR1045 and the PBYR1045F variants?