전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1060B

  • AI
    ## Overview of PBYR1060B The **PBYR1060B** is a high-performance **Schottky Barrier Diode** (Rectifier). It is primarily designed for use in low-voltage, high-frequency inverters, free-wheeling, and polarity protection applications. --- ### 1. Key Technical Specifications The performance of the PBYR1060B is defined by its ability to handle high current with minimal voltage drops. | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~0.7 V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 °C | --- ### 2. Component Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds and low forward voltage. * **Low Power Loss:** Because the forward voltage drop is lower than standard PN-junction diodes, it improves the overall efficiency of the power supply. * **High Guarding:** Usually includes a "guard ring" for stress protection, ensuring better long-term reliability and robustness against transient voltages. * **Package Type:** Typically found in the **D2PAK (SOT404)** surface-mount package, which is designed for good thermal dissipation. --- ### 3. Pin Configuration (D2PAK) The PBYR1060B is a two-terminal device, though the physical package often has three points of contact: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C | No internal connection (usually) | | **2 (Tab)** | Cathode | Connected to the mounting base | | **3** | Anode | Input current terminal | --- ### 4. Typical Applications Due to its fast switching and high current capacity, the PBYR1060B is commonly used in: 1. **Switched Mode Power Supplies (SMPS):** Acting as an output rectifier. 2. **DC-to-DC Converters:** Reducing energy loss during the conversion process. 3. **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. 4. **Reverse Polarity Protection:** Preventing damage if batteries or power sources are connected backward. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Schottky diode like the PBYR1060B over a standard silicon diode?
    • ⤷ How does the D2PAK package affect the thermal management of this component?
    • ⤷ What are the recommended heat sinking strategies for a 10A continuous load?