전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1540CTF

  • AI
    ## Overview of PBYR1540CTF The **PBYR1540CTF** is a high-performance **Schottky Barrier Diode**. Specifically, it is a dual-diode (common cathode) device designed for high-frequency switching and power rectification. It is commonly used in Switched-Mode Power Supplies (SMPS) and DC-to-DC converters. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR1540CTF: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current (Total)** | $I_{F(AV)}$ | 15 | A | | **Average Forward Current (Per Diode)** | $I_{F(AV)}$ | 7.5 | A | | **Forward Voltage Drop (at 7.5A)** | $V_F$ | ~0.57 | V | | **Peak Non-repetitive Surge Current** | $I_{FSM}$ | 100 | A | | **Operating Junction Temperature** | $T_j$ | 150 | °C | --- ### 2. Internal Configuration & Package The "CT" in the part number typically denotes a **Common Cathode** configuration. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common) * **Pin 3:** Anode 2 * **Package Type:** Usually housed in a **TO-220F** (Full Pack) plastic package. The "F" suffix often indicates an isolated package, meaning the metal tab is covered in plastic to prevent electrical shorts to the heatsink. --- ### 3. Core Features * **Low Forward Voltage Drop:** High efficiency due to minimal power loss during conduction. * **Ultra-Fast Switching:** Schottky technology allows for negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed circuits. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and enhanced long-term reliability. * **Isolated Package:** The TO-220F casing eliminates the need for external insulating washers when mounting to a heatsink. --- ### 4. Typical Applications The PBYR1540CTF is primarily found in: 1. **SMPS Output Rectification:** Converting high-frequency AC from a transformer into DC. 2. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. 3. **Polarity Protection:** Preventing damage if batteries or power sources are connected backward. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a standard rectifier diode and a Schottky diode like the PBYR1540CTF?
    • ⤷ How does the 'Full Pack' (TO-220F) package affect the thermal management of this component?
    • ⤷ Can this diode be used in applications requiring a reverse voltage higher than 40V?