전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1545

  • AI
    ## Overview of PBYR1545 The **PBYR1545** is a high-performance **Schottky Barrier Rectifier** diode. It is primarily designed for use in low-voltage, high-frequency inverters, free-wheeling diodes, and polarity protection applications. It is known for its low forward voltage drop and fast switching speeds. --- ### Key Technical Specifications The following table outlines the primary electrical characteristics of the PBYR1545: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 15 | A | | **Forward Voltage Drop (at 15A)** | $V_F$ | ~0.57 - 0.63 | V | | **Peak Forward Surge Current** | $I_{FSM}$ | 150 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AC | - | --- ### Internal Construction and Physics 1. **Schottky Barrier:** Unlike standard PN junction diodes, the PBYR1545 uses a **metal-to-silicon junction**. This results in a much lower barrier potential. 2. **Majority Carrier Conduction:** It conducts using majority carriers, which eliminates the reverse recovery time ($t_{rr}$) associated with minority carrier recombination in standard diodes. 3. **Guard Ring:** Most PBYR series diodes include an internal "guard ring" for stress protection, which enhances long-term reliability and guards against high-voltage transients. --- ### Applications The PBYR1545 is commonly found in the following electronic circuits: * **Switching Power Supplies (SMPS):** Used on the output stage for rectification due to low power loss. * **DC-DC Converters:** Ideal for step-down (buck) converters where efficiency is critical. * **Battery Chargers:** Prevents reverse current flow from the battery back into the charging circuit. * **Solar Panels:** Used as a bypass diode to prevent "hot spot" heating and protect cells. --- ### Advantages and Disadvantages #### Advantages * **High Efficiency:** Lower voltage drop means less heat dissipation. * **High Frequency:** Capable of switching at megahertz frequencies. * **Compactness:** The TO-220 package allows for easy mounting to heat sinks. #### Disadvantages * **Reverse Leakage:** Higher leakage current compared to standard silicon diodes, especially at high temperatures. * **Voltage Limitation:** Limited to low-voltage applications (typically below 100V).
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for a PBYR1545 at full 15A load?
    • ⤷ How does the forward voltage drop change as the junction temperature increases?
    • ⤷ What is a suitable replacement or alternative for the PBYR1545?