PBYR1545CT
AI

## PBYR1545CT: Component Overview
The **PBYR1545CT** is a high-performance **Schottky Barrier Diode** commonly used for rectification and protection in power supply circuits. It is a "dual" diode, meaning it contains two diodes sharing a common cathode within a single package.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the PBYR1545CT:
| Parameter | Value | Description |
|:---|:---|:---|
| **$V_{RRM}$** | 45V | Peak Repetitive Reverse Voltage |
| **$I_{F(AV)}$** | 15A | Average Rectified Forward Current (Total) |
| **$V_F$** | ~0.57V | Maximum Forward Voltage Drop (at 7.5A) |
| **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current |
| **$T_j$** | 150°C | Maximum Operating Junction Temperature |
| **Package** | TO-220AB | Standard 3-pin Power Package |
---
### 2. Internal Configuration
The device uses a **Common Cathode** configuration. This is standard for output rectification in switching power supplies.
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (connected to the mounting tab)
* **Pin 3:** Anode 2
```text
[ Pin 1 ] ----|>|---- [ Pin 2 ]
[ Pin 3 ] ----|>|---- [ Pin 2 (Tab) ]
```
---
### 3. Core Features & Benefits
* **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes (~0.6V vs 1.1V). This results in higher efficiency and less heat generation.
* **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications.
* **Guard Ring Protection:** The internal die includes a guard ring for stress protection and improved long-term reliability against high voltages.
---
### 4. Common Applications
1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC/Square waves into DC.
2. **Freewheeling Diodes:** Used to protect circuits from inductive kicks in motor drivers and relay circuits.
3. **Reverse Battery Protection:** Prevents damage to electronics if the power source is connected with incorrect polarity.
4. **OR-ing Diodes:** Used in redundant power systems to combine two power rails while preventing backflow.
---
- ⤷
What are the main differences between the PBYR1545CT and a standard PN junction diode?
- ⤷ Can I use only one side of the PBYR1545CT if I don't need the full 15A current?
- ⤷ What are the thermal management requirements for this diode under full load?