전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR1645F

  • AI
    ## Detailed Overview of PBYR1645F The **PBYR1645F** is a power Schottky barrier diode known for its low forward voltage drop and high switching speed. It is commonly used in power supplies, converters, and protection circuits. ### 1. Technical Specifications The following table summarizes the key electrical and thermal characteristics of the PBYR1645F: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current** | $I_{F(AV)}$ | 16 | A | | **Forward Voltage (at 16A, 25°C)** | $V_F$ | 0.58 (typ) | V | | **Reverse Recovery Time** | $t_{rr}$ | < 10 (approx) | ns | | **Operating Junction Temperature** | $T_j$ | 150 | °C | | **Package Type** | - | TO-220F | - | --- ### 2. Key Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve majority carrier conduction, resulting in significantly lower forward voltage than standard PN-junction diodes. * **Low Power Loss:** Because the $V_F$ is low, the diode generates less heat during conduction, increasing the overall efficiency of the power system. * **Isolated Package (TO-220F):** The "F" suffix often denotes a "Full Pack" or isolated package. This means the internal tab is electrically isolated from the heatsink, eliminating the need for separate insulating mica washers. * **Guard Ring Protection:** Many versions include an internal guard ring for stress protection and improved reliability against high-voltage transients. --- ### 3. Common Applications Due to its high current capacity and fast switching speed, the PBYR1645F is ideal for: 1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC. 2. **DC-DC Converters:** Serves as a freewheeling diode to maintain current flow during the "off" cycle of a switching transistor. 3. **Polarity Protection:** Protects sensitive circuits from damage if the input power leads are reversed. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Terminal Configuration The device usually follows the standard TO-220F pinout for a single diode: ```text Pin 1: No Connection (or Anode depending on manufacturer) Pin 2: Cathode (Connected to the mounting tab internally) Pin 3: Anode ``` *(Note: Always consult the specific manufacturer's datasheet as pinouts for "dual" vs "single" Schottky versions in the same family can vary.)*
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacements for a PBYR1645F?
    • ⤷ How does the isolated TO-220F package affect thermal management compared to a standard TO-220?
    • ⤷ What is the maximum surge current this diode can handle?