전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR20100CTB

  • AI
    The **PBYR20100CTB** is a high-performance **Schottky Barrier Diode** (Rectifier) designed for high-frequency switching and power supply applications. It is commonly used in DC/DC converters, switched-mode power supplies (SMPS), and reverse polarity protection. --- ## 1. Key Specifications The following table highlights the primary electrical characteristics of the PBYR20100CTB: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Max Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 V | | **Average Forward Current (Total)** | $I_{F(AV)}$ | 20 A | | **Average Forward Current (Per Leg)** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop (Typical)** | $V_F$ | ~0.70 V to 0.85 V | | **Operating Junction Temperature** | $T_j$ | -65 to +175 °C | | **Package Type** | D2PAK | SOT404 (Surface Mount) | --- ## 2. Technical Features ### Dual Diode Configuration The "CT" in the part number often indicates a **Common Cathode** configuration. Inside the package, there are two diodes sharing a single cathode (usually the center pin or the mounting tab), allowing it to act as a center-tap rectifier in power circuits. ### Schottky Technology Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in: * **Low Forward Voltage:** High efficiency due to reduced power loss. * **Ultrafast Switching:** Negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed circuits. * **High Thermal Stability:** The PBYR series is designed to handle high temperatures (up to 175°C) without significant leakage current issues. --- ## 3. Pinout and Internal Logic The device is typically housed in a **D2PAK (SOT404)** surface-mount package. ```text [ TAB / Pin 2 ] | (K) | +-----+-----+-----+ | | | PBYR20100CTB | | | +-----+-----+-----+ | | | (A1) (K) (A2) Pin 1 Pin 2 Pin 3 ``` * **Pin 1 (Anode 1):** Input for Diode 1. * **Pin 2 / Tab (Cathode):** Common output for both diodes. * **Pin 3 (Anode 2):** Input for Diode 2. --- ## 4. Typical Applications 1. **SMPS Secondary Rectification:** Converting high-frequency AC from a transformer into DC. 2. **Freewheeling Diodes:** Protecting transistors in inductive load switching (motors, solenoids). 3. **OR-ing Diodes:** Used in redundant power supplies to combine multiple power rails. 4. **Battery Charging:** Preventing reverse current flow from the battery to the charger.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBYR20100CTB and a standard silicon rectifier like the 1N4007?
    • ⤷ How does the D2PAK package affect the thermal management of this diode?
    • ⤷ Can this diode be used in a full-bridge rectifier circuit?