전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR2040CTB

  • AI
    ## Overview of the PBYR2040CTB The **PBYR2040CTB** is a high-performance **Schottky Barrier Diode** (Rectifier) typically housed in a surface-mount package (D2PAK). It is designed for high-frequency switching applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The model number provides clues to its rating: **20** Amps and **40** Volts. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Dual Common Cathode | Two diodes sharing a single cathode terminal. | | **$V_{RRM}$** | 40 V | Maximum repetitive peak reverse voltage. | | **$I_{F(AV)}$** | 20 A | Maximum average forward current (10A per diode). | | **$V_F$** | ~0.55 V | Forward voltage drop (low for energy efficiency). | | **$T_j$** | 150 °C | Maximum operating junction temperature. | | **Package** | SOT404 (D2PAK) | Surface-mount plastic package with power tab. | --- ### 2. Internal Configuration This component is a **Dual Diode** configured with a **Common Cathode**. In a standard 3-pin package: * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Common Cathode * **Pin 3:** Anode 2 --- ### 3. Core Features * **Low Forward Voltage Drop:** This reduces heat dissipation and improves efficiency in power supplies. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed circuits. * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and long-term reliability against high voltages. * **High Surge Capacity:** Designed to handle momentary spikes in current without failing. --- ### 4. Typical Applications The PBYR2040CTB is widely used in power management systems: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-to-DC Converters:** Acts as a freewheeling diode. 3. **Battery Management:** Provides polarity protection and prevents back-flow. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 5. Implementation Considerations ```cpp // Thermal Management Note // Because this part handles up to 20A, the D2PAK tab must // be soldered to a large copper area (heatsink) on the PCB // to prevent thermal runaway. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard silicon diode?
    • ⤷ How do I calculate the heat dissipation for the PBYR2040CTB at 10A?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers?