전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR2040CTX

  • AI
    ## Technical Overview: PBYR2040CTX The **PBYR2040CTX** is a high-performance **Schottky Barrier Diode** (Rectifier) housed in a plastic envelope. It is specifically designed for use in switched-mode power supplies (SMPS), free-wheeling diodes, and high-frequency rectification. --- ### 1. Key Technical Specifications The PBYR2040CTX is a "dual-diode" or "common cathode" configuration, meaning it contains two diodes in a single package sharing a center pin. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 20 (10 per diode) | A | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 120 | A | | **Forward Voltage Drop** (at $I_F = 10A$) | $V_F$ | 0.55 - 0.60 | V | | **Operating Junction Temperature** | $T_j$ | 150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Internal Configuration The device features a **Common Cathode** arrangement. In the standard TO-220AB package, the pinout is typically: 1. **Anode 1**: Connected to the first diode. 2. **Cathode (Common)**: The center pin and the mounting tab are connected to the cathodes of both diodes. 3. **Anode 2**: Connected to the second diode. --- ### 3. Features & Benefits * **Low Forward Voltage Drop ($V_F$):** Reduces power loss and increases efficiency in power conversion. * **Ultra-Fast Switching:** Schottky technology allows for negligible reverse recovery time, making it ideal for high-frequency applications. * **Guard Ring Protection:** Includes internal circuitry to improve ruggedness and protect against transient over-voltages. * **High Thermal Cycling Performance:** Designed for long-term reliability in environments with temperature fluctuations. --- ### 4. Typical Applications * **SMPS Output Rectification:** Converting high-frequency AC to DC in computer or industrial power supplies. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. * **Free-wheeling Diodes:** Protecting transistors from inductive spikes in motor control or relay circuits. * **Polarity Protection:** High-current battery charging circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent parts for PBYR2040CTX?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can this diode be used in a 48V power system?